Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5532B Datasheet(PDF) 16 Page - Microchip Technology

Part # USB5532B
Description  2-Port SS/HS USB Hub Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB5532B Datasheet HTML 12Page - Microchip Technology USB5532B Datasheet HTML 13Page - Microchip Technology USB5532B Datasheet HTML 14Page - Microchip Technology USB5532B Datasheet HTML 15Page - Microchip Technology USB5532B Datasheet HTML 16Page - Microchip Technology USB5532B Datasheet HTML 17Page - Microchip Technology USB5532B Datasheet HTML 18Page - Microchip Technology USB5532B Datasheet HTML 19Page - Microchip Technology USB5532B Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
2-Port SS/HS USB Hub Controller
Datasheet
Revision 1.2 (05-31-13)
16
SMSC USB5532B
DATASHEET
Chapter 4 Configuration Options
The USB5532B must be configured in order to correctly function when attached to a USB host
controller. The hub can be configured either internally or externally depending on the implemented
interface (see Chapter 5: Interfacing to the USB5532B on page 17 for details).
4.1
SPI ROM
When the SPI interface is configured, the USB5532B is will perform code execution from an external
SPI ROM.
4.2
SMBus
Two SMBus modes (based on the used slave address) are available: Legacy and Advanced.
4.2.1
SMBus Legacy Mode
The SMBus Legacy Mode provides access to all internal USB 2.0 registers, and is enabled based on
the 7-bit slave address of 0101100b. The hub will not respond to the general call address of 0000000b.
4.2.2
SMBus Advanced Mode
The SMBus Advanced Mode provides access to all USB 2.0 and USB 3.0 registers, and is enabled
based on the 7-bit slave address of 0101101b. The hub will not respond to the general call address
of 0000000b. The protocol is based on the SMBus block read/write, except the register offset is
extended to 16 bits (high byte, low byte).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com