Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5532B Datasheet(PDF) 17 Page - Microchip Technology

Part # USB5532B
Description  2-Port SS/HS USB Hub Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB5532B Datasheet HTML 13Page - Microchip Technology USB5532B Datasheet HTML 14Page - Microchip Technology USB5532B Datasheet HTML 15Page - Microchip Technology USB5532B Datasheet HTML 16Page - Microchip Technology USB5532B Datasheet HTML 17Page - Microchip Technology USB5532B Datasheet HTML 18Page - Microchip Technology USB5532B Datasheet HTML 19Page - Microchip Technology USB5532B Datasheet HTML 20Page - Microchip Technology USB5532B Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
2-Port SS/HS USB Hub Controller
Datasheet
SMSC USB5532B
17
Revision 1.2 (05-31-13)
DATASHEET
Chapter 5 Interfacing to the USB5532B
The hub will interface to external memory depending on configuration of the USB5532B pins
associated with each interface type. The USB5532B will first check to see whether an external SPI
Flash is present. If not, the USB5532B will operate from internal ROM. If SPI Flash is present, the chip
will operate from the external ROM. Next, the USB5532B will look to receive configuration and
commands from an optional SMBus master (if present). When SMBus is enabled, the SMBus can
operate in either legacy (USB 2.0 only) or advanced mode (access to both USB 2.0 and 3.0 registers).
Next, the USB5532B will look for (optional) configuration present in the internal OTP memory. Any
register settings that are modified via the SMBus interface will overwrite the internal OTP settings.
5.1
SPI Interface
The USB5532B is capable of code execution from an external SPI ROM. On power up, the firmware
looks for an external SPI flash device that contains a valid signature of 2DFU (device firmware upgrade)
beginning at address 0xFFFA. If a valid signature is found, then the external ROM is enabled and the
code execution begins at address 0x0000 in the external SPI device. If a valid signature is not found,
then execution continues from internal ROM. The following sections describe the interface options to
the external SPI ROM.
5.1.1
Operation of the Hi-Speed Read Sequence
The SPI controller will automatically handle code reads going out to the SPI ROM Address. When the
controller detects a read, the controller drops the SPI_CE, and puts out a 0x0B, followed by the 24-bit
address. The SPI controller then puts out a DUMMY byte. The next eight clocks clock in the first byte.
When the first byte is clocked in a ready signal is sent back to the processor, and the processor gets
one byte.
After the processor gets the first byte, its address will change. If the address is one more than the last
address, the SPI controller will clock out one more byte. If the address in anything other than one more
than the last address, the SPI controller will terminate the transaction by taking SPI_CE high. As long
as the addresses are sequential, the SPI Controller will keep clocking in data.
Figure 5.1 SPI Hi-Speed Read Operation
SPI
CONTROLLER
SPI
ROM
Serial to
Parllel
CE#
CLK
SI
SO
SMSC USB Hub
ADDRESS
CONTROL
CACHE
SPI_DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com