Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5532B Datasheet(PDF) 14 Page - Microchip Technology

Part # USB5532B
Description  2-Port SS/HS USB Hub Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB5532B Datasheet HTML 10Page - Microchip Technology USB5532B Datasheet HTML 11Page - Microchip Technology USB5532B Datasheet HTML 12Page - Microchip Technology USB5532B Datasheet HTML 13Page - Microchip Technology USB5532B Datasheet HTML 14Page - Microchip Technology USB5532B Datasheet HTML 15Page - Microchip Technology USB5532B Datasheet HTML 16Page - Microchip Technology USB5532B Datasheet HTML 17Page - Microchip Technology USB5532B Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
2-Port SS/HS USB Hub Controller
Datasheet
Revision 1.2 (05-31-13)
14
SMSC USB5532B
DATASHEET
Note 3.1
The PRT_PWR[2:1] pins can optionally provide additional configuration strap functions to
enable/disable the associated port and configure its battery charging capabilities.
Configuration strap values are latched on device reset. Table 3.2 details the functions
associated with the various strap settings.
Strapping features are enabled by default and can be optionally disabled via the SMSC
Pro-Touch software programming tool. For additional information on the Pro-Touch
programming tool, contact your local SMSC sales representative.
Strapping functions are not supported for designs that support OCS but not power
switching.
Note 3.2
The SPI_DO pin provides an additional SPI_SPD_SEL configuration strap function.
SPI_SPD_SEL selects between the 30MHz SPI Mode when pulled-down to ground
(default) and the 60MHz SPI Mode when pulled-up to VDD33. The SPI_SPD_SEL strap
value is latched on Power-On Reset (POR) or RESET_N deassertion.
Note 3.3
The OCS[2:1] pins can optionally provide additional configuration strap functions. To set
the associated port into the non-removable state, the OCS pin must be configured with a
pull-down (<10 k
Ω to VSS). Otherwise, the port will be configured in the removable state.
Configuration strap values are latched on device reset.
Strapping features are enabled by default and can be optionally disabled via the SMSC
Pro-Touch software programming tool. For additional information on the Pro-Touch
programming tool, contact your local SMSC sales representative.
Strapping functions are not supported for designs that support OCS but not power
switching.
(14) NC
-
No connect pins
DIGITAL AND POWER
(4) VDD33
3.3 V Power
(8) VDD12
1.25 V Power
VSS
Ground Pad
This exposed pad is the device’s only connection to VSS and the
primary thermal conduction path. Connect to an appropriate via field.
Table 3.2 PRT_PWR[2:1] Configuration Strap States
PRT_PWR[2:1]
STRAP SETTING
PORT STATE
BATTERY CHARGING
No Pull-Up or Pull-Down
Enabled
Disabled
Pull-Down:
<10 k
Ω to VSS
Disabled
N/A
Pull-Up:
<10 k
Ω and >1 kΩ to VDD33
Enabled
Enabled
Table 3.1 USB5532B Pin Descriptions (continued)
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com