Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5532B Datasheet(PDF) 9 Page - Microchip Technology

Part # USB5532B
Description  2-Port SS/HS USB Hub Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B Datasheet(HTML) 9 Page - Microchip Technology

Back Button USB5532B Datasheet HTML 5Page - Microchip Technology USB5532B Datasheet HTML 6Page - Microchip Technology USB5532B Datasheet HTML 7Page - Microchip Technology USB5532B Datasheet HTML 8Page - Microchip Technology USB5532B Datasheet HTML 9Page - Microchip Technology USB5532B Datasheet HTML 10Page - Microchip Technology USB5532B Datasheet HTML 11Page - Microchip Technology USB5532B Datasheet HTML 12Page - Microchip Technology USB5532B Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
2-Port SS/HS USB Hub Controller
Datasheet
SMSC USB5532B
9
Revision 1.2 (05-31-13)
DATASHEET
Chapter 2 Overview
The SMSC USB5532B hub is a 2-port, low-power, configurable Hub Controller fully compliant with the
USB 3.0 Specification [2]. The USB5532B supports 5 Gbps SuperSpeed (SS), 480 Mbps Hi-Speed
(HS), 12 Mbps Full-Speed (FS) and 1.5 Mbps Low-Speed (LS) USB signalling for complete coverage
of all defined USB operating speeds.
All required resistors on the USB ports are integrated into the hub. This includes all series termination
resistors and all required pull-down and pull-up resistors on D+ and D- pins. The over-current sense
inputs for the downstream facing ports have internal pull-up resistors.
The USB5532B hub includes programmable features such as:
MultiTRAKTM Technology: implements a dedicated Transaction Translator (TT) for each port.
Dedicated TTs help maintain consistent full-speed data throughput regardless of the number of
active downstream connections.
PortSwap: allows direct alignment of USB signals (D+/D-) to connectors to avoid uneven trace
length or crossing of the USB differential signals on the PCB.
PHYBoost: enables 4 programmable levels of USB signal drive strength in downstream port
transceivers. PHYBoost will also attempt to restore USB signal integrity.
2.1
Configurable Features
The SMSC USB5532B hub controller provides a default configuration that is sufficient for most
applications. When the hub is initialized in the default configuration, the following features may be
configured:
Downstream non-removable ports, where the hub will automatically report as a compound device
Downstream disabled ports
Downstream port power control and over-current detection on a ganged or individual basis
USB signal drive strength
USB differential pair pin location
The USB5532B hub controllers can alternatively be configured by OTP or as an SMBus slave device.
When the hub is configured by an OTP or over SMBus, the following configurable features are
provided:
Support for compound devices on a port-by-port basis
Selectable over-current sensing and port power control on an individual or ganged basis to match
the circuit board component selection
Customizable vendor ID, product ID, and device ID
Configurable delay time for filtering the over-current sense inputs
Indication of the maximum current that the hub consumes from the USB upstream port
Indication of the maximum current required for the hub controller
Custom string descriptors (up to 30 characters):
Product, manufacturer, and serial number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com