Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-R524Z Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-R524Z
Description  50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1mm POF
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-R524Z Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-R524Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2009 Avago Technologies. All rights reserved.
AV02-1942EN - June 22, 2009
AFBR-R524Z Receiver
The AFBR-R524Z receiver consists of a PIN photodiode and digitalizing IC to produce an output level that is compatible
with TTL logic.
Receiver Electrical Characteristics
(TA = 0°C to +85°C, VccR = 5V ± 5%)
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Supply Current
ICCR
35
mA
Data Output Voltage – Low
VOL
–0.3
0.4
V
1,4
IOL=1.6mA
Data Output Voltage – High
VOH
2.5
3.0
VccR+0.3
V
1,5
IOH=–150uA
Rise Time (10%–90%)
tRR
9.9
ns
2,3
Fall Time (10%–90%)
tFR
9.9
ns
2,3
Pulse Width Variation
PWV
14.9
28
ns
6,7
Notes:
1. Standard TTL output.
2. Measured with RL =50kΩ and CL=15pF
3. Optical Power generated by a standard Avago Technologies Transmitter, with ideal alignment to the photodiode using a 1mm POF (NA=0.5).
4. Data Output Voltage – Low corresponds with Input Optical Power Low.
5. Data Output Voltage – High corresponds with Input Optical Power High.
6. Optical input is bi-phase coded at 25Mbps (50MBd)
7. Pulse width is measured at 50% threshold using a rising edge trigger and a worst case bi-phase test pattern.
Receiver Optical Characteristics
(TA = 0°C to +85°C, VccR = 5V ± 5%)
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Input Optical Power (Average)
PIN
–24
–2
dBm
6
Optical Spectrum Range
λ
630
685
nm
Notes:
6. Optical input is bi-phase coded at 25Mbps (50MBd)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com