Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-R524Z Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-R524Z
Description  50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1mm POF
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-R524Z Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-R524Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AFBR-T524Z/AFBR-R524Z
50 Megabaud Versatile Link Fiber Optic Transmitter
and Receiver for 1mm POF
Data Sheet
Features
• RoHS-compliant
• Data transmission at signal rates up to 50MBd
• Transmitter: integrated 650nm LED and driver IC with
TTL input logic
• Receiver: integrated PIN diode and digitalizing IC with
TTL output logic
• Up to 50 meters distance with 1mm Plastic Optical
Fiber (POF)
• Operating temperature range of 0°C to +85°C
• Compatible with Avago’s Versatile Link family of
connectors, for easy termination of fiber
Applications
• Optical Transmitter and Receiver for 50MBd systems
• Industrial control and factory automation
• Extension of RS-232 and RS-485
• High voltage isolation
• Elimination of ground loops
• Reduces voltage transient susceptibility
Description
The AFBR-T524Z transmitter utilizes a 650nm LED source
with integrated optics and driver IC for efficient coupling
into 1mm Polymer Optical Fiber (POF). The AFBR-R524Z
receiver incorporates a PIN detector and digital output IC.
The transmitter input and receiver output are compatible
with TTL logic families. The pair operates up to 50MBd at
distances up to 50 meters with 1mm POF using bi-phase
encoding scheme.
The transmitter is a 3-pin and the receiver is a 4-pin device,
packed in Versatile Link housing. Versatile Link compo-
nents can be interlocked (N-plexed together) to minimize
space and to provide dual connections with the duplex
connectors. Various simplex and duplex connectors, as
well as POF cables are available for Versatile Link compo-
nents. Please contact Avago Technologies for details or
visit our company website at www.avagotech.com.


Similar Part No. - AFBR-R524Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-0544Z AVAGO-AFBR-0544Z Datasheet
544Kb / 4P
Evaluation PCB description
AFBR-0545Z AVAGO-AFBR-0545Z Datasheet
272Kb / 5P
The media converter kit includes
AFBR-0546Z AVAGO-AFBR-0546Z Datasheet
56Kb / 2P
AFBR-1624Z and AFBR-2624Z unit
AFBR-0547Z AVAGO-AFBR-0547Z Datasheet
56Kb / 2P
AFBR-1624Z and AFBR-2624Z unit
AFBR-0548Z AVAGO-AFBR-0548Z Datasheet
44Kb / 2P
Connect 0V to GND pin of 3 pin connector
More results

Similar Description - AFBR-R524Z

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0508 AVAGO-HFBR-0508 Datasheet
208Kb / 8P
10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
HFBR-0508Z AVAGO-HFBR-0508Z Datasheet
143Kb / 8P
10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
AFBR-1624Z AVAGO-AFBR-1624Z Datasheet
99Kb / 7P
DC, 50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF
AFBR-1644Z AVAGO-AFBR-1644Z Datasheet
90Kb / 7P
DC, 50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
HFBR-1525EZ AVAGO-HFBR-1525EZ Datasheet
131Kb / 7P
12 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
logo
Broadcom Corporation.
AFBR-16XXZ BOARDCOM-AFBR-16XXZ Datasheet
464Kb / 11P
DC-50MBd Versatile Link Fiber Optic Transmitter
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-2521CZ AVAGO-AFBR-2521CZ Datasheet
320Kb / 9P
DC?? Megabaud Versatile Link Fiber Optic Receiver for 1mm POF and 200關m PCS
logo
Broadcom Corporation.
AFBR-25X1CZ BOARDCOM-AFBR-25X1CZ Datasheet
320Kb / 9P
DC?? Megabaud Versatile Link Fiber Optic Receiver for 1mm POF and 200關m PCS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com