Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-R524Z Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-R524Z
Description  50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1mm POF
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-R524Z Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-R524Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Regulatory Compliance
Feature
Test Method
Performance
Electrostatic Discharge (ESD) to the Electrical Pins Human Body Model
MIL-STD-883 Method 3015
Min +/- 2000V
Eye Safety
IEC 60825-1,2
Class 1
Specified Link Performance, TA= 0°C to +85°C, 50MBd
Parameter
Min
Max
Unit
Condition
Note
Link Distance with Extra Low Loss POF cable
0.1
50
meters
0°C to +85°C
5
Link Distance with Standard Loss POF cable
0.1
45
meters
0°C to +85°C
5
Notes:
1. Logic 1 input will turn the light on and the logic 0 will turn the light off.
2. TTL compatible data output.
3. Pin 5 and 8 are for mounting and retaining purposes, but are electrically connected.
4. It is recommended to connect this pin to ground to reduce coupling of electrical noise.
5. POF is HFBR-R/EXXYYYZ plastic (1 mm) optical fiber. Worst case attenuation used (0.23 dB/m for extra low loss POF and 0.27dB/m for standard loss
POF cable from 0°C to +85°C at 660 nm).
Figure 2. Recommended Transmitter and Receiver Application Circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com