Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-R524Z Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-R524Z
Description  50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1mm POF
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-R524Z Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-R524Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
AFBR-T524Z Transmitter
The AFBR-T524Z transmitter incorporates a 650nm LED and integrated driver IC in a light gray, nonconductive plastic
Versatile Link housing. Its input data is compatible with TTL logic level. This transmitter can operate from 8MBd to 50MBd
with bi-phase encoded scheme using 1mm plastic optical fiber (POF).
Transmitter Electrical Characteristics
(TA = 0°C to +85°C, VccT = 5V ± 5%)
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Supply Current
(Optical Power ON)
ICCT
40
mA
1
Optical Power ON Delay
tON2
7
µs
4
Optical Power OFF Delay
tOFF2
50
µs
3
Input Voltage – Low
VIL
–0.3
0.8
V
2
Input Voltage – High
VIH
2.0
Vcc+0.3
V
2
Data Input Capacitance
CIN
7
pF
Data Input Resistance
RIN
2
k
Ω
Notes:
1. For 50% duty cycle data.
2. Standard TTL compatible input.
3. After a static 0 is received on Data In for tOFF2 µs, the transmitter optical output power drops to a level below –50dBm.
4. After modulated data is received on Data In for tON2 µs, the transmitter exits the“OFF”state to enter normal operating“ON”state.
Transmitter Optical Characteristics
(TA = 0°C to +85°C, VccT = 5V ± 5%)
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Output Optical Power (Average),
Normal Power
PN
-8.5
-6
-2
dBm
5
Output Optical Power (Average), OFF
PS
-50
dBm
Extinction Ratio
ER
10
dB
Spectrum Central Wavelength
λc
635
670
nm
6
Rise Time (20%–80%)
tRT
6.0
ns
Fall Time (20%–80%)
tFT
6.0
ns
Pulse Width Variation
PWV
18
22
ns
7,8
Notes:
5. Measured for 50% duty cycle data after 1meter 0.5 NA 1mm POF with polished connector end face using a large area detector.
6. Central wavelength is defined as:
Ref: EIA/TIA standard FOTP-127/6.1, 1991
7. Pulse width is measured at 50% threshold using a rising edge trigger and a worst case bi-phase test pattern.
8. Electrical input is bi-phase coded at 25Mbps (50MBd)
λc =
;
N
ΣPiλi
i = 1
N
ΣPi
i = 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com