Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-R524Z Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-R524Z
Description  50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1mm POF
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-R524Z Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-R524Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Absolute Maximum Ratings
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Storage Temperature
Ts
–40
85
°C
6
Ambient Temp, no air flow
Tc
0
85
°C
6, 7
Relative Humidity
RH
0
85
%
6
Supply Voltage
VCCT /VCCR
–0.5
7
V
6
Data Input Voltage
VIN
–0.5
Vcc+0.5
V
6
Data Output Current
IO
10
mA
6,8
Data Rate
8
50
MBaud
9
Notes:
6. Absolute Maximum Ratings are those values beyond which damage to the device may occur if these limits are exceeded for other than a short
period of time.
7. Measured at the housing.
8. A safety resistor of 50ohm (minimum) is to be connected between Data Out and the receiving circuitry. The receiving circuitry must be powered
up within 50ms after receiving the data to prevent permanent damage to the OEC.
9. Bi-phase encoded
Recommended Operating Conditions
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Ambient Temp, no air flow
TA
0
25
85
°C
10, 11
Supply Voltage
VCCT/VCCR
4.75
5
5.25
V
10
Notes:
10. Recommended operating conditions are those values outside of which functional performance is not intended, device reliability is not implied,
and damage to the device may occur over an extended period of time. See Reliability Data Sheet for specific reliability performance.
11. Measured at the housing.
Process Compatibility
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Solder Environment
TSOLD
260
°C
12,14,15
tSOLD
10
sec
13,14,15
Notes:
12. Maximum temperature refers to peak temperature.
13. Maximum time refers to time spent at peak temperature.
14. Solder surface to be at least 1mm below lead frame stops.
15. Product is moisture sensitive level 2A.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com