Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLA-2416 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDLA-2416 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Electrical Description
Pin Function
Description
Chip Enable (CE1 and CE1 and CE2 must be a logic 0 to write to the display.
CE2, pins 1 and 2)
Clear (CLR, pin 3)
When CLR is a logic 0 the ASCII RAM is reset to 20hex (space) and the Control
Register/Attribute RAM is reset to 00hex.
Cursor Enable
CUE determines whether the IC displays the ASCII or
(CUE pin 4)
the Cursor memory. (1 = Cursor, 0 = ASCII).
Cursor Select
CU determines whether data is stored in the ASCII RAM
(CU, pin 5)
or the Attribute RAM/Control Register. (1 = ASCII, 0 = Attribute RAM/Control Register).
Write (WR, pin 6)
WR must be a logic 0 to store data in the display.
Address Inputs
A0-A1 selects a specific location in the display memory.
(A1 and A0,
Address 00 accesses the far right display location.
Pins 8 and 7)
Address 11 accesses the far left location.
Data Inputs
D0-D6 are used to specify the input data for the
(D0-D6, Pins 11-17)
display.
VDD (pin 9)
VDD is the positive power supply input.
GND (pin 10)
GND is the display ground.
Blanking Input
BL is used to flash the display, blank the
(BL, pin 18)
display or to dim the display.
Display Internal Block Diagram
Figure 1 shows the HDLX-2416 display internal block
diagram. The CMOS IC consists of a 4 x 7 Character
RAM, a 2 x 4 Attribute RAM, a 5 bit Control Register, a
128 character ASCII decoder and the refresh circuitry
necessary to synchronize the decoding and driving of
four 5 x 7 dot matrix displays.
Four 7 bit ASCII words are stored in the Character RAM.
The IC reads the ASCII data and decodes it via the 128
character ASCII decoder. The ASCII decoder includes the
64 character set of the HPDL-2416, 32 lower case ASCII
symbols, and 32 foreign language symbols.
A 5 bit word is stored in the Control Register. Three fields
within the Control Register provide an 8 level brightness
control, master blank, and extended functions disable.
For each display digit location, two bits are stored in
the Attribute RAM. One bit is used to enable a cursor
character at each digit location. A second bit is used to
individually disable the blanking features at each digit
location.
The display is blanked and dimmed through an internal
blanking input on the row drivers. Logic within the IC
allows the user to dim the display either through the BL
input or through the brightness control in the control
register. Similarly the display can be blanked through the
BL input, the Master Blank in the Control Register, or the
Digit Blank Disable in the Attribute RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com