Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLA-2416 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDLA-2416 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
The address and data inputs can be directly connected to
the microprocessor address and data buses.
The HDLX-2416 has several enhancements over the HPDL-
2416. These features include an expanded character set,
internal 8 level dimming control, external dimming capa-
bility, and individual digit blanking. Finally, the extended
functions can be disabled which allows the HDLX-2416 to
operate exactly like an HPDL-2416 by disabling all of the
enhancements except the expanded character set.
Package Dimensions
The difference between the sunlight viewable HDLS-
2416 and the low power HDLU-2416 occurs at power-on
or at the default brightness level. Following power up,
the HDLS-2416 operates at the 100% brightness level,
while the HDLU-2416 operates at the 27% brightness
level. Power on sets the internal brightness control (bits
3-5) in the control register to binary code (000). For the
HDLS-2416 binary code (000) corresponds to a 100%
brightness level, and for the HDLU-2416 binary code (000)
corresponds to a 27% brightness level. The other seven
brightness levels are identical for both parts.
Pin No. Function
Pin No. Function
1
CE1 Chip Enable
10
GND
2
CE2 Chip Enable
11
D0 Data Input
3
CLR Cle ar
12
D1 Data Input
4
CUE Cursor Enable
13
D2 Data Input
5
CU Cursor Select
14
D3 Data Input
6
WR Write
15
D6 Data Input
7
A1 Address Input
16
D5 Data Input
8
A0 Address Input
17
D4 Data Input
9
VDD
18
BL Display Blank
Pin Numbering and Location
CE1
GND
D0
D1
D2
D3
D6
D5
D4
BL
VDD
A0
A1
WR
CU
CUE
CLR
CE2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
25.15
(0.990)
TYP.
6.35
(0.250)
3.05
(0.120)
10.03
(0.395)
20.07
(0.790)
5.08
(0.200)
3.43
(0.135)
0.51 0.13
(0.020 0.005)
TYP.
6.60
(0.260)
2.41
(0.095)
2.54
(0.100)
TYP.
REF.
DATE CODE (YEAR, WEEK)
4.06
(0.160)
10.16
(0.400)
2.41
(0.095)
TYP.
0.38
(0.015)
15.24
(0.600)
0.25 0.13
(0.010 0.005)
TYP.
REF.
1.52
(0.060)
IMAGE PLANE
REF.
REF.
NOTES:
1. UNLESS OTHERWISE SPECIFIED, THE TOLERANCE
ON ALL DIMENSIONS IS 0.254 mm ( 0.010).
2. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
3. FOR YELLOW AND GREEN DISPLAYS ONLY.
PIN 1 IDENTIFIER
HDLX-2416
YYWW X Z
PART NUMBER
LUMINOUS INTENSITY
COLOR BIN (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com