Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLA-2416 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HDLA-2416 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Optical Characteristics at 25°C [1]
VDD = 5.0 V at Full Brightness
HDLO-2416
Parameter
Symbol
Min.
Typ.
Units
Test Conditions
Average Luminous Intensity per
IV
1.2
3.5
mcd
‘’*’’ Illuminated in All Four Digits.
Digit, Character Average
19 Dots ON
Peak Wavelength
lPEAK
635
nm
Dominant Wavelength[2]
ld
626
nm
HDLA-2416
Parameter
Symbol
Min.
Typ.
Units
Test Conditions
Average Luminous Intensity per
IV
1.2
3.5
mcd
‘’*’’ Illuminated in All Four Digits.
Digit, Character Average
19 Dots ON
Peak Wavelength
lPEAK
600
nm
Dominant Wavelength[2]
ld
602
nm
HDLY-2416
Parameter
Symbol
Min.
Typ.
Units
Test Conditions
Average Luminous Intensity per
IV
1.2
3.7
mcd
‘’*’’ Illuminated in All Four Digits.
Digit, Character Average
19 Dots ON
Peak Wavelength
lPEAK
583
nm
Dominant Wavelength[2]
ld
585
nm
HDLG-2416
Parameter
Symbol
Min.
Typ.
Units
Test Conditions
Average Luminous Intensity per
IV
1.2
5.6
mcd
‘’*’’ Illuminated in All Four Digits.
Digit, Character Average
19 Dots ON
Peak Wavelength
lPEAK
568
nm
Dominant Wavelength[2]
ld
574
nm
Notes:
1. Refers to the initial case temperature of the device immediately prior to the light measurement.
2. Dominant wavelength, ld, is derived from the CIE chromaticity diagram, and represents the single wavelength which defines the color of the
device.
HDLS/HDLU-2416
Part Number
Parameter
Symbol
Min.
Typ.
Units
Test Conditions
HDLS-2416
Average Luminous Intensity per
IV
4.0
12.7
mcd
‘’*’’ Illuminated in All Four
HDLU-2416
Digit, Character Average
1.2
3.1
mcd
Digits, 19 Dots ON per Digit
All
Peak Wavelength
lPEAK
645
nm
Dominant Wavelength[2]
ld
637
nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com