Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLA-2416 Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDLA-2416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Color Bin Limits
Color Range (nm)
Color
Bin
Min.
Max.
Yellow
3
581.5
585.0
4
584.0
587.5
5
586.5
590.0
6
589.0
592.5
Green
1
576.0
580.0
2
573.0
577.0
3
570.0
574.0
4
567.0
571.5
Note:
Test conditions as specified in Optical Charac-
teristic table.
Intensity Bin Limits for HDLS-2416
Intensity Range (mcd)
Bin
Min.
Max.
E
3.97
6.79
F
5.55
9.50
G
7.78
13.30
H
10.88
18.62
I
15.24
26.07
J
21.33
36.49
Note:
Test conditions as specified in Optical Charac-
teristic table.
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2013 Avago Technologies. All rights reserved. Obsoletes 5989-3190EN
AV02-0662EN - February 26, 2013
Intensity Bin Limits for HDLX-2416
Intensity Range (mcd)
Bin
Min.
Max.
A
1.20
1.77
B
1.25
2.47
C
2.02
3.46
D
2.83
4.85
E
3.97
6.79
F
5.55
9.50
G
7.78
13.30
Note:
Test conditions as specified in Optical Charac-
teristic table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com