Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLA-2416 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDLA-2416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HDLA-2416 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Table 1. Current Requirements at Different Brightness Levels
Symbol
D5
D4
D3
Brightness
25°C Typ.
25°C Max.
Max. over Temp.
Units
IDD(#)
0
0
0
100%
110
130
160
mA
0
0
1
60%
66
79
98
mA
0
1
0
40%
45
53
66
mA
0
1
1
27%
30
37
46
mA
1
0
0
17%
20
24
31
mA
1
0
1
10%
12
15
20
mA
1
1
0
7%
9
11
15
mA
1
1
1
3%
4
6
9
mA
Figure 3 shows how the Extended Function Disable
(bit D6 of the Control Register), Master Blank (bit D2 of
the Control Register), Digit Blank Disable (bit D1 of the
Attribute RAM), and BL input can be used to blank the
display.
When the Extended Function Disable is a logic 1, the
display can be blanked only with the BL input. When the
Extended Function Disable is a logic 0, the display can be
blanked through the BL input, the Master Blank, and the
Digit Blank Disable. The entire display will be blanked if
either the BL input is logic 0 or the Master Blank is logic
1, providing all Digit Blank Disable bits are logic 0. Those
digits with Digit Blank Disable bits a logic 1 will ignore
both blank signals and remain ON. The Digit Blank Disable
bits allow individual characters to be blanked or flashed
in synchronization with the BL input.
Figure 3. Display blanking truth table.
EFD
MB
DBDn
BL
0
0
0
0
Display Blanked by BL
0
0
X
1
Display ON
Display Blanked by BL. Individual characters
0
X
1
0
“ON” based on “1” being stored in DBDn
0
1
0
X
Display Blanked by MB
Display Blanked by MB. Individual characters
0
1
1
1
“ON” based on “1” being stored in DBDn
1
X
X
0
Display Blanked by BL
1
X
X
1
Display ON
Dimming
Dimming of the display is controlled through either the
BL input or the Control Register. A pulse width modulated
signal can be applied to the BL input to dim the display.
A three bit word in the Control Register generates an
internal pulse width modulated signal to dim the display.
The internal dimming feature is enabled only if the
Extended Function Disable is a logic 0.
Bits 3-5 in the Control Register provide internal brightness
control. These bits are interpreted as a three bit binary
code, with code (000) corresponding to the maximum
brightness and code (111) to the minimum brightness.
In addition to varying the display brightness, bits 3-5 also
vary the average value of IDD. IDD can be specified at any
brightness level as shown in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com