Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2004IP Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # ML2004IP
Description  Logarithmic Gain/Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2004IP Datasheet(HTML) 3 Page - Fairchild Semiconductor

  ML2004IP Datasheet HTML 1Page - Fairchild Semiconductor ML2004IP Datasheet HTML 2Page - Fairchild Semiconductor ML2004IP Datasheet HTML 3Page - Fairchild Semiconductor ML2004IP Datasheet HTML 4Page - Fairchild Semiconductor ML2004IP Datasheet HTML 5Page - Fairchild Semiconductor ML2004IP Datasheet HTML 6Page - Fairchild Semiconductor ML2004IP Datasheet HTML 7Page - Fairchild Semiconductor ML2004IP Datasheet HTML 8Page - Fairchild Semiconductor ML2004IP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PRODUCT SPECIFICATION
ML2003, ML2004
REV. 1.1.1 3/19/01
3
Operating Conditions
Parameter
Min.
Max.
Units
Temperature Range2
ML2003CX, ML2004CX
ML2003IX, ML2004IX
0
-40
70
85
°C
°C
Supply Voltage
VCC
VSS
4
-4
6
-6
V
V
Electrical Characteristics
Unless otherwise specified TA = TMIN to TMAX, VCC = 5V ± 10%, VSS = -5V ±10%, Data Word: ATTEN/GAIN = 1,
Other Bits = 0(0dB Ideal Gain), CL = 100pF, RL = 600
Ω, SCK = LATI = LATO = 0, dBm measurements use 600Ω as
reference load, digital timing measured at 1.4 V, CL = 100pF or SOD.
Symbol
Parameter
Notes
Conditions
Min. Typ.3 Max.
Units
Analog
AG
Absolute gain
accuracy
4VIN=8dBm, 1 kHz
-0.05
+0.05
dB
RG
Relative gain
accuracy
4
100000001
000000000
000000001
All other gain settings
All values referenced to 100000000 gain
when ATTEN/GAIN = 1, VIN =8dBm when
ATTEN//GAIN =0
VIN =(8dBm – Ideal Gain) in dB
-0.05
-0.05
-0.05
-0.1
+0.05
+0.05
+0.05
+0.1
dB
dB
dB
dB
FR
Frequency response
4
300-4000 Hz
100-20,000 Hz
Relative to 1 kHz
-0.05
-0.1
+0.05
+0.1
dB
dB
VOS
Output Offset Voltage
4
VIN = 0, +24dB gain
±100
mV
ICN
Idle Channel Noise
4
5
VIN = 0, +24dB gain, C msg. Weighted
VIN = 0, +24dB gain, 1kHz
-6
450
0
900
dBrnc
nv/
√Hz
HD
Harmonic Distortion
4
VIN = 8dBm gain, 1kHz Measure 2nd,
3rd harmonic relative to fundamental
-60
dB
SD
Signal to Distortion
4
VIN = 8dBm, 1 kHz
C msg. weighted
+60
dB
PSRR
Power Supply
Rejection
4
200mVp-p, 1 kHz sine, VIN = 0
on VCC
on VSS
-60
-60
-40
-40
dB
dB
ZIN
Input impedance, VIN
4
1
Meg
VINR
Input Voltage Range
4
±3.0
V
VOSW
Output Voltage Swing
4
±3.0
V
Digital and DC
VIL
Digital Input Low
Voltage
4
0.8
V
VIH
Digital Input High
Voltage
4
2.0
V
VOL
Digital Output Low
Voltage
4IOL = 2mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com