Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2004IP Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # ML2004IP
Description  Logarithmic Gain/Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2004IP Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button ML2004IP Datasheet HTML 2Page - Fairchild Semiconductor ML2004IP Datasheet HTML 3Page - Fairchild Semiconductor ML2004IP Datasheet HTML 4Page - Fairchild Semiconductor ML2004IP Datasheet HTML 5Page - Fairchild Semiconductor ML2004IP Datasheet HTML 6Page - Fairchild Semiconductor ML2004IP Datasheet HTML 7Page - Fairchild Semiconductor ML2004IP Datasheet HTML 8Page - Fairchild Semiconductor ML2004IP Datasheet HTML 9Page - Fairchild Semiconductor ML2004IP Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ML2003, ML2004
PRODUCT SPECIFICATION
6
REV. 1.1.1 3/19/01
Figure 6. CMSG S/N vs Gain Setting
Figure 7. Gain Error vs Gain Setting
GAIN SETTING (dB)
40
50
60
70
80
90
100
-24
-18
-12
-6
-0
6
12
18
24
GAIN SETTING (dB)
0
0.02
-0.02
-0.04
-0.06
-0.08
-1.0
0.04
0.06
0.08
0.1
-24
-18
-12
-6
-0
6
12
18
24
ATTEN: VIN = 8dBm
GAIN: VIN = 8dBm/GAIN SETTING
1KHz
Figure 8. S/N + D vs Gain Setting (VIN/VOUT = 2VRMS)
Figure 9. S/N + D vs Gain Setting (VIN/VOUT = 0.5VRMS)
80
70
60
50
40
30
20
10
-24
-18
-12
-6
0
GAIN SETTING (dB)
612
18
24
VIN = 1kHz
VIN = 20kHz
VIN = 50kHz
ATTEN: VIN = 2VRMS
GAIN: VIN = 2VRMS/GAIN SETTING
GAIN SETTING (dB)
80
70
60
50
40
30
20
-24
-18
-12
-6
0
6
12
18
24
VIN = 1kHz
VIN = 20kHz
VIN = 50kHz
ATTEN: VIN = 0.5VRMS
GAIN: VIN = 0.5VRMS/GAIN SETTING
Typical Performance Curves (continued)
Figure 4. Output Noise Voltage vs Frequency
Figure 5. CMSG Output Noise vs Gain Settings
2.0
1.8
FREQUENCY (Hz)
GAIN SETTING (dB)
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
10
-10
-9
-8
-7
-6
-5
-4
-3
-2
-24
-18
-12
-6
-0
6
12
18
24
100
1K
10K
GAIN = +24dB
VIN = 6
GAIN = -24dB
GAIN = +12dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com