Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2004IP Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # ML2004IP
Description  Logarithmic Gain/Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2004IP Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button ML2004IP Datasheet HTML 3Page - Fairchild Semiconductor ML2004IP Datasheet HTML 4Page - Fairchild Semiconductor ML2004IP Datasheet HTML 5Page - Fairchild Semiconductor ML2004IP Datasheet HTML 6Page - Fairchild Semiconductor ML2004IP Datasheet HTML 7Page - Fairchild Semiconductor ML2004IP Datasheet HTML 8Page - Fairchild Semiconductor ML2004IP Datasheet HTML 9Page - Fairchild Semiconductor ML2004IP Datasheet HTML 10Page - Fairchild Semiconductor ML2004IP Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ML2003, ML2004
PRODUCT SPECIFICATION
10
REV. 1.1.1 3/19/01
Figure 16. Analog AGC
Figure 17. Digitally Controlled Volume Control
Figure 18. Precision Peak Detector (±1%) with Controllable Acquire and Hold Time
ML2003
ATTEN/GAIN
C3-C0
F3-F1
VIN
VOUT
UP/DOWN
8-BIT COUNTER
COMPARATOR
CLOCK
U/D
–
+
+5
+5
R1
R3
R2
R1, R2, R3 SETS AGC THRESHOLD
AND HYSTERESIS
ML2003
ATTEN/GAIN
C3-C0
F3-F1
VIN
VOUT
UP/DOWN
8-BIT CTR
CLOCK
DOWN UP
FROM
µP OR
SWITCHES
U/D
VIN
VREF
VOUT
VPEAK
VPEAK
ML2003
ATTEN/GAIN
C3-C0
F3-F1
VIN
VOUT
UP/DOWN
8-BIT COUNTER
COMPARATOR
CLK1
CLK2
U/D
–
+
fCLK1 DETERMINES PEAK ACQUIRE TIME
fCLK2 DETERMINES PEAK HOLD TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com