Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2004IP Datasheet (PDF) - Fairchild Semiconductor

ML2004IP Datasheet PDF - Fairchild Semiconductor
Part # ML2004IP
Download  ML2004IP Download
File Size   88.08 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Logarithmic Gain/Attenuator

ML2004IP Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2004IP Datasheet PDF - Fairchild Semiconductor

Part # ML2004IP
Download  ML2004IP Click to download

File Size   88.08 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Logarithmic Gain/Attenuator

ML2004IP Datasheet (HTML) - Fairchild Semiconductor


ML2004IP Product details

General Description
The ML2003 and ML2004 are digitally controlled logarith mic gain/attenuators with a range of –24 to +24 dB in 0.1 dB steps.
The gain settings are selected by a 9-bit digital word. The ML2003 digital interface is either parallel or serial. The ML2004 is packaged in a 14-pin DIP with a serial interface only.

Features
• Low noise: 0 dBrnc max with +24dB gain
• Low harmonic distortion: -60dB max
• Gain range: –24 to +24dB
• Resolution: 0.1dB steps
• Flat frequency response:
   ±0.05dB from .3–4 kHz
   ±0.10dB from .1-20 kHz
• Low supply current 4mA max from ±5V supplies
• TTL/CMOS compatible digital interface
• ML2003 has pin selectable serial or parallel interface;
   ML2004 serial interface only




Similar Part No. - ML2004IP

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2004IP MICRO-LINEAR-ML2004IP Datasheet
2Mb / 12P
Logarithmic Gain/Attenuator
More results


Similar Description - ML2004IP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1800 DALLAS-DS1800 Datasheet
428Kb / 14P
Dual Inverting Log Gain/Attenuator
logo
Micro Linear Corporatio...
ML2003 MICRO-LINEAR-ML2003 Datasheet
2Mb / 12P
Logarithmic Gain/Attenuator
ML2008 MICRO-LINEAR-ML2008 Datasheet
155Kb / 11P
關P Compatible Logarithmic Gain/Attenuator
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
LOGARITHMIC AMPLIFIER
logo
Intersil Corporation
AN49.0 INTERSIL-AN49.0 Datasheet
155Kb / 2P
Digital Audio Amplifier Gain Control using Logarithmic
April 21, 2005
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
LOGARITHMIC AMPLIFIER
logo
Analog Devices
HMC948LP3E AD-HMC948LP3E Datasheet
654Kb / 8P
LOGARITHMIC DETECTOR
HMC1094 AD-HMC1094 Datasheet
563Kb / 14P
Logarithmic Detector
11/14-Rev. 00.0813 to Rev. A
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com