Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2004IP Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # ML2004IP
Description  Logarithmic Gain/Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2004IP Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button ML2004IP Datasheet HTML 3Page - Fairchild Semiconductor ML2004IP Datasheet HTML 4Page - Fairchild Semiconductor ML2004IP Datasheet HTML 5Page - Fairchild Semiconductor ML2004IP Datasheet HTML 6Page - Fairchild Semiconductor ML2004IP Datasheet HTML 7Page - Fairchild Semiconductor ML2004IP Datasheet HTML 8Page - Fairchild Semiconductor ML2004IP Datasheet HTML 9Page - Fairchild Semiconductor ML2004IP Datasheet HTML 10Page - Fairchild Semiconductor ML2004IP Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ML2003, ML2004
PRODUCT SPECIFICATION
8
REV. 1.1.1 3/19/01
Table 2. Coarse Gain Settings (F3-F0 = 0)
The device also has the capability to read out the data word
stored in the latch. This can be done by parallel loading the
data from the latch back into the shift register when the latch
signal, LATO, is high. The LATO pulse must occur when
SCK is low. Then, the data word can be shifted out of the
shift register serially to the output, SOD, on falling edges of
the shift clock, SCK.
The loading and reading of the data word can be done
continuously or in burst. Since the shift register and latch
circuitry inside the device is static, there are no minimum
frequency requirements on the clocks or data pulses.
However, there is coupling (typically less than 100µV) of
the digital signals into the analog section. This coupling
can be minimized by clocking the data bursts in during
noncritical intervals or at a frequency outside the analog
frequency range.
Parallel Mode
The parallel mode is selected by setting SER/PAR pin low.
The parallel interface allows the gain settings to be set with
external switches or from a parallel microprocessor inter-
face.
In parallel mode, the shift register and latch are bypassed and
connections are made directly to the gain select bits with
external pins ATTEN/GAIN, C3-C0, and F3-F0. Tables 1
and 2 describe how these pins program the gain. The pins
ATTEN/GAIN, C3-C0, and F3-F0 have internal pulldown
resistors to GND. The typical value of these pulldown
resistors is 100k
Ω.
C3 C2 C1 C0
Ideal Gain (dB)
ATTEN/GAIN = 1 ATTEN/GAIN = 0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
-1.5
-3.0
-4.5
-6.0
-7.5
-9.0
-10.5
-12.0
-13.5
-15.0
-16.5
-18.0
-19.5
-21.0
-22.5
0
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
Figure 10. Serial Mode Timing
SCK
SCK
01
2
3
4
5
6
7
8
01
2
3
4
5
6
7
8
a) LOAD
b) READ
SID
SID
LATI
LATI
LATO
LATO
SOD
SOD
F0
F1
F2
F3
C0
C1
C2
C3
ATT/
GAIN
F0
F1
F2
F3
C0
C1
C2
C3
ATT/
GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com