Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8349ECZUALDB Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC8349ECZUALDB
Description  Integrated Host Processor Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349ECZUALDB Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC8349ECZUALDB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 87 page
background image
MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13
Freescale Semiconductor
63
Package and Pin Listings
TDO
B20
O
OVDD
3
TMS
A20
I
OVDD
4
TRST
B19
I
OVDD
4
Test
TEST
D22
I
OVDD
6
TEST_SEL
AL13
I
OVDD
6
PMC
QUIESCE
A18
O
OVDD
—
System Control
PORESET
C18
I
OVDD
—
HRESET
B18
I/O
OVDD
1
SRESET
D18
I/O
OVDD
2
Thermal Management
THERM0
K32
I
—
8
Power and Ground Signals
AVDD1
L31
Power for e300
PLL (1.2 V
nominal, 1.3 V
for 667 MHz)
AVDD1—
AVDD2
AP12
Power for
system PLL (1.2
V nominal, 1.3 V
for 667 MHz)
AVDD2—
AVDD3
AE1
Power for DDR
DLL (1.2 V
nominal, 1.3 V
for 667 MHz)
——
AVDD4
AJ13
Power for LBIU
DLL (1.2 V
nominal, 1.3 V
for 667 MHz)
AVDD4—
Table 55. MPC8349EA (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com