Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8349ECZUALDB Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC8349ECZUALDB
Description  Integrated Host Processor Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349ECZUALDB Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC8349ECZUALDB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 87Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 83 / 87 page
background image
MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13
Freescale Semiconductor
83
Ordering Information
22.1
Part Numbers Fully Addressed by This Document
Table 66 shows an analysis of the Freescale part numbering nomenclature for the MPC8349EA. The
individual part numbers correspond to a maximum processor core frequency. Each part number also
contains a revision code that refers to the die mask revision number. For available frequency configuration
parts including extended temperatures, refer to the device product summary page on our website listed on
the back cover of this document or, contact your local Freescale sales office.
Table 67 shows the SVR settings by device and package type.
Table 66. Part Numbering Nomenclature
MPC
nnnn
e
t
pp
aa
a
r
Product
Code
Part
Identifier
Encryption
Acceleration
Temperature1
Range
Package2
Processor
Frequency3
Platform
Frequency
Revision
Level
MPC
8349
Blank = Not
included
E = included
Blank = 0 to 105
°C
C = –40 to 105
°C
ZU =TBGA
VV = PB free TBGA
e300 core
speed
AG = 400
AJ = 533
AL = 667
D = 266
F = 3334
B = 3.1
Notes:
1. For temperature range = C, processor frequency is limited to with a platform frequency of 266 and up to 533 with a platform
frequency of 333
2. See Section 18, “Package and Pin Listings,” for more information on available package types.
3. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by Part Number Specifications may support other
maximum core frequencies.
4. ALF marked parts support DDR1 data rate up to 333 MHz (at 333 MHz CSB as the 'F' marking implies) and DDR2 data rate
up to 400 MHz (at 200 MHz CSB). AJF marked parts support DDR1 and DDR2 data rate up to 333 MHz (at a CSB of 333
MHz).
Table 67. SVR Settings
Device
Package
SVR (Rev. 3.0)
MPC8349EA
TBGA
8050_0030
MPC8349A
TBGA
8051_0030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com