Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8349ECZUALDB Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC8349ECZUALDB
Description  Integrated Host Processor Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349ECZUALDB Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8349ECZUALDB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 87 page
background image
MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13
68
Freescale Semiconductor
Clocking
Table 57 provides the operating frequencies for the MPC8349EA TBGA under recommended operating
conditions (see Table 2).
All frequency combinations shown in the table below may not be available. Maximum operating
frequencies depend on the part ordered, see Section 22.1, “Part Numbers Fully Addressed by This
Document,” for part ordering details and contact your Freescale Sales Representative or authorized
distributor for more information.
19.1
System PLL Configuration
The system PLL is controlled by the RCWL[SPMF] parameter. Table 58 shows the multiplication factor
encodings for the system PLL.
Table 57. Operating Frequencies for TBGA
Characteristic1
1 The CLKIN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen so that the resulting csb_clk, MCK,
LCLK[0:2], and core_clk frequencies do not exceed their respective maximum or minimum operating frequencies. The value of
SCCR[ENCCM], SCCR[USBDRCM] and SCCR[USBMPHCM] must be programmed so that the maximum internal operating
frequency of the security core and USB modules does not exceed the respective values listed in this table.
400 MHz
533 MHz
667 MHz
Unit
e300 core frequency (core_clk)
266–400
266–533
266–667
MHz
Coherent system bus frequency (csb_clk)
100–266
100–333
100–333
MHz
DDR1 memory bus frequency (MCK)2
2 The DDR data rate is 2x the DDR memory bus frequency.
100–133
100–133
100–166.67
MHz
DDR2 memory bus frequency (MCK)3
3 The DDR data rate is 2x the DDR memory bus frequency.
100–133
100–133
100–200
MHz
Local bus frequency (LCLKn)4
4 The local bus frequency is 1/2, 1/4, or 1/8 of the lbiu_clk frequency (depending on LCCR[CLKDIV]) which is in turn 1x or 2x the
csb_clk frequency (depending on RCWL[LBIUCM]).
16.67–133
16.67–133
16.67–133
MHz
PCI input frequency (CLKIN or PCI_CLK)
25–66
25–66
25–66
MHz
Security core maximum internal operating frequency
133
133
166
MHz
USB_DR, USB_MPH maximum internal operating frequency
133
133
166
MHz
Table 58. System PLL Multiplication Factors
RCWL[SPMF]
System PLL Multiplication Factor
0000
× 16
0001
Reserved
0010
× 2
0011
× 3
0100
× 4
0101
× 5
0110
× 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com