Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8349ECZUALDB Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC8349ECZUALDB
Description  Integrated Host Processor Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349ECZUALDB Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC8349ECZUALDB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 87 page
background image
MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13
82
Freescale Semiconductor
Ordering Information
V2 =(1 ÷ (1/R1 +1/R2)) × Isource. Solving for the output impedance gives Rsource = Rterm × (V1 ÷ V2 –1).
The drive current is then Isource =V1 ÷ Rsource.
Table 65 summarizes the signal impedance targets. The driver impedance are targeted at minimum VDD,
nominal OVDD, 105°C.
21.6
Configuration Pin Multiplexing
The MPC8349EA power-on configuration options can be set through external pull-up or pull-down
resistors of 4.7 k
Ω on certain output pins (see the customer-visible configuration pins). These pins are used
as output only pins in normal operation.
However, while HRESET is asserted, these pins are treated as inputs, and the value on these pins is latched
when PORESET deasserts. Then the input receiver is disabled and the I/O circuit takes on its normal
function. Careful board layout with stubless connections to these pull-up/pull-down resistors coupled with
the large value of the pull-up/pull-down resistor should minimize the disruption of signal quality or speed
for the output pins.
21.7
Pull-Up Resistor Requirements
The MPC8349EA requires high resistance pull-up resistors (10 k
Ω is recommended) on open-drain pins,
including I2C pins, and IPIC interrupt pins.
For more information on required pull-up resistors and the connections required for the JTAG interface,
refer to application note AN2931, “PowerQUICC Design Checklist.”
22 Ordering Information
This section presents ordering information for the device discussed in this document, and it shows an
example of how the parts are marked.
NOTE
The information in this document is accurate for revision 3.x silicon and
later (in other words, for orderable part numbers ending in A or B). For
information on revision 1.1 silicon and earlier versions, see the MPC8349E
PowerQUICC II Pro Integrated Host Processor Hardware Specifications
(Document Order No. MPC8349EEC).
Table 65. Impedance Characteristics
Impedance
Local Bus, Ethernet,
DUART, Control,
Configuration, Power
Management
PCI Signals
(Not Including PCI
Output Clocks)
PCI Output Clocks
(Including
PCI_SYNC_OUT)
DDR DRAM
Symbol
Unit
RN
42 Target
25 Target
42 Target
20 Target
Z0
W
RP
42 Target
25 Target
42 Target
20 Target
Z0
W
Differential
NA
NA
NA
NA
ZDIFF
W
Note: Nominal supply voltages. See Table 1, Tj = 105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com