Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8349ECZUALDB Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC8349ECZUALDB
Description  Integrated Host Processor Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349ECZUALDB Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC8349ECZUALDB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8349ECZUALDB Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13
Freescale Semiconductor
77
Thermal
where:
RθJA = junction-to-ambient thermal resistance (°C/W)
RθJC = junction-to-case thermal resistance (°C/W)
RθCA = case-to-ambient thermal resistance (°C/W)
RθJC is device-related and cannot be influenced by the user. The user controls the thermal environment to
change the case-to-ambient thermal resistance, RθCA. For instance, the user can change the size of the heat
sink, the air flow around the device, the interface material, the mounting arrangement on printed-circuit
board, or change the thermal dissipation on the printed-circuit board surrounding the device.
The thermal performance of devices with heat sinks has been simulated with a few commercially available
heat sinks. The heat sink choice is determined by the application environment (temperature, air flow,
adjacent component power dissipation) and the physical space available. Because there is not a standard
application environment, a standard heat sink is not required.
Table 64 shows heat sink thermal resistance for TBGA of the MPC8349EA.
Accurate thermal design requires thermal modeling of the application environment using computational
fluid dynamics software which can model both the conduction cooling and the convection cooling of the
air moving through the application. Simplified thermal models of the packages can be assembled using the
junction-to-case and junction-to-board thermal resistances listed in the thermal resistance table. More
detailed thermal models can be made available on request.
Table 64. Heat Sink and Thermal Resistance of MPC8349EA (TBGA)
Heat Sink Assuming Thermal Grease
Air Flow
35
× 35 mm TBGA
Thermal Resistance
AAVID 30
× 30 × 9.4 mm pin fin
Natural convection
10
AAVID 30
× 30 × 9.4 mm pin fin
1 m/s
6.5
AAVID 30
× 30 × 9.4 mm pin fin
2 m/s
5.6
AAVID 31
× 35 × 23 mm pin fin
Natural convection
8.4
AAVID 31
× 35 × 23 mm pin fin
1 m/s
4.7
AAVID 31
× 35 × 23 mm pin fin
2 m/s
4
Wakefield, 53
× 53 × 25 mm pin fin
Natural convection
5.7
Wakefield, 53
× 53 × 25 mm pin fin
1 m/s
3.5
Wakefield, 53
× 53 × 25 mm pin fin
2 m/s
2.7
MEI, 75
× 85 × 12 no adjacent board, extrusion
Natural convection
6.7
MEI, 75
× 85 × 12 no adjacent board, extrusion
1 m/s
4.1
MEI, 75
× 85 × 12 no adjacent board, extrusion
2 m/s
2.8
MEI, 75
× 85 × 12 mm, adjacent board, 40 mm side bypass
1 m/s
3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com