Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJTP_6MM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MJTP_6MM
Description  MJTP SERIES 6MM THRU-HOLE MTG TACT SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MJTP_6MM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MJTP_6MM Datasheet HTML 1Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 2Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 3Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 4Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
M
APEM, 63 NECK ROAD, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
US # MJTP1117
EU # PHAP3363
Right angle,
grounding
US # MJTP1119
EU # PHAP3351
Process compatible
US # MJTP1129
EU # PHAP1152
Right angle,
grounding,
process
compatible
US # MJTP1141
EU # PHAP3307
Long terminals
Bulk packaged.
Bulk packaged.
Packaged on tape. Note: other
models available with this tape
packaging - consult factory.
New!
New!
M4
Bulk packaged.
US Model
Dim.
EU Model
No.
L (in./mm)
No.
MJTP1119
.197 (5.0)
PHAP3351
MJTP1119A .354 (9.0)
PHAP3351A
MJTP1119B .512 (13.0) PHAP3351B
US Model
Dim.
EU Model
No.
L (in./mm)
No.
MJTP1129
.171 (4.35) PHAP3352
MJTP1129A .329 (8.35) PHAP3352A
MJTP1129B .486 (12.35) PHAP3352B
US Model
Dim.
EU Model
No.
L (in./mm)
No.
MJTP1141
.169 (4.3)
PHAP3307
MJTP1141A .197 (5.0)
PHAP3307A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com