Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJTP_6MM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MJTP_6MM
Description  MJTP SERIES 6MM THRU-HOLE MTG TACT SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MJTP_6MM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MJTP_6MM Datasheet HTML 1Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 2Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 3Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 4Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M
APEM, 63 NECK ROAD, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
US # MJTP1243 &
MJTP1250
US # MJTP1236
EU # PHAP3305
Right angle,
grounding
US # Model Dim.
Dim.
No.
L1(in./mm) L (in./mm)
MJTP1243
.169 (4,3)
.307 (7,8)
MJTP1250
.197 (5,0)
.335 (8,5)
Bulk packaged.
M6
US # MJTP2205
EU # PHAP3306
2 switch vertical
gang assembly,
black actuators
1
4
23
Bulk packaged.
US Model
Dim.
EU Model
No.
L (in./mm)
No.
MJTP1236
.124 (3,1)
PHAP3305
MJTP1236A .152 (3,9)
PHAP3305A
MJTP1236B .329 (8,4)
PHAP3305B
MJTP1236C .270 (6,9)
PHAP3305C
MJTP1236D .466 (11,9) PHAP3305D
MJTP1236E .244 (6,2)
PHAP3305E
MJTP1236F .289 (7,3)
N/A
MJTP1236G.230 (5,8)
N/A
Bulk packaged.
US Model
Dim.
EU Model
No.
L (in./mm)
No.
MJTP2205
.124 (3,15) PHAP3306
MJTP2205A .152 (3,85) PHAP3306A
MJTP2205B .329 (8,35) PHAP3306B
MJTP2205C .270 (6,85) PHAP3306C
MJTP2205D .466 (11,85)PHAP3306D
MJTP2205E .242 (6,15) PHAP3306E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com