Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJTP_6MM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MJTP_6MM
Description  MJTP SERIES 6MM THRU-HOLE MTG TACT SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MJTP_6MM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MJTP_6MM Datasheet HTML 1Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 2Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 3Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 4Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M
APEM, 63 NECK ROAD, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
US # MJTP1193
EU # PHAP3308
With L.E.D.
Caps available with lens -
see end of section.
Bulk packaged.
Note: LED
cathode is
marked
with a dot
M5
New!
US # MJTP1230
EU # PHAP3301
Bulk packaged.
US # MJTP1234
EU # PHAP3303
US # MJTP1232
EU # PHAP3302
Grounding
Caps available -
see end of section.
Bulk packaged.
US Model
L.E.D.
EU Model
No.
Color
No.
MJTP1193
No L.E.D.
PHAP3308
MJTP11936 Red
PHAP3308R
MJTP11935 Yellow
PHAP3308Y
MJTP11933 Green
PHAP3308G
US Model
Dim.
EU Model
No.
L (in./mm)
No.
MJTP1230
.170 (4,3)
PHAP3301
MJTP1230A .197 (5,0)
PHAP3301A
MJTP1230B .374 (9,5)
PHAP3301B
MJTP1230C .315 (8,0)
PHAP3301C
MJTP1230D .512 (13,0) PHAP3301D
MJTP1230E .287 (7,3)
PHAP3301E
MJTP1230F .335 (8,5)
PHAP3301F
MJTP1230G .275 (7,0)
N/A
Bulk packaged.
US Model
Dim.
EU Model
No.
L (in./mm)
No.
MJTP1232
.170 (4,3)
PHAP3302
MJTP1232A .197 (5,0)
PHAP3302A
MJTP1232B .374 (9,5)
PHAP3302B
MJTP1232C .315 (8,0)
PHAP3302C
MJTP1232D .512 (13,0) PHAP3302D
MJTP1232E .287 (7,3)
PHAP3302E
MJTP1232F .335 (8,5)
PHAP3302F
MJTP1232G .275 (7,0)
PHAP3302G
US Model
Dim.
EU Model
No.
L (in./mm)
No.
MJTP1234
.094 (2,4)
PHAP3303
MJTP1234A .110 (2,8)
PHAP3303A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com