Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJTP_6MM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MJTP_6MM
Description  MJTP SERIES 6MM THRU-HOLE MTG TACT SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MJTP_6MM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MJTP_6MM Datasheet HTML 1Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 2Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 3Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 4Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
M
APEM, 63 NECK ROAD, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
US # MJTPSHW
Bulk packaged.
MJTP1105
MJTP1117
MJTP1129
MJTP1141
MJTP1144
MJTP1145
New!
US # Model
Dim.
No.
L (in./mm)
MJTPSHW
.122 (3,1)
MJTPSHWA
.091 (2,3)
MJTPSHWB
.146 (3,8)
Process
compatible
M7
MJ61 Square cap
MJ62 Round cap
CAPS (for MJTP1105T and MJTP1234 only)
CAPS (for MJTP1193 only)
CAP COLORS
Note - add digit from table to
cap part number for color.
Example - MJ612 indicates
square black cap.
No.
Color
1
blue
2
black
3
green
5
yellow
6
red
7
ivory
MJ3 Square cap (w/clear lens in center for LED illumina-
tion)
MJTP1109
MJTP1119
MJTP1193
MJTP1230
MJTP1232
SCHEMATICS
Note: LED is for
MJTP1193 only.
MJTP1234
MJTP2205
MJTP4102
MJTP5302
MJTPSHW
MJTP1236
MJTP1243
MJTP1250
MJTP2205
MJTP4102
MJTP5302
Layout tolerances; Linear: ± .004" ( ± 0,1MM) Holes: ± .002" ( ± 0,05MM)
MJTP1141, 44 & 45
MJTP1193
MJTP1230
MJTP1232
MJTP1234
MJTP1236
MJTP1243
MJTP1250
MJTPSHW
MJTP4102
MJTP5302
MJTP2205
MJTP1105T
MJTP1109
MJTP1117
MJTP1119
MJTP1129
PRINTED CIRCUIT BOARD LAYOUTS
1
2
3
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com