Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJTP_6MM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MJTP_6MM
Description  MJTP SERIES 6MM THRU-HOLE MTG TACT SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MJTP_6MM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MJTP_6MM Datasheet HTML 1Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 2Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 3Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 4Page - List of Unclassifed Manufacturers MJTP_6MM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M
APEM, 63 NECK ROAD, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
MJTP SERIES 6MM
THRU-HOLE MTG.
TACT SWITCHES
FEATURES
Numerous single pole-single throw momentary configurations.
Excellent tactile feed-back (Snap dome).
Ultra-compact size.
Long operating life for high reliability.
Molded-in terminals minimize wicking of flux or solder.
MATERIALS
Case:
Thermoplastic, color black. UL94HB Standard.
Actuator:
Thermoplastic
Cover/Bracket:
PET film, tin plated brass or stainless steel.
Terminals:
Silver plated brass.
Shorting Contact: Phosphor bronze or stainless steel with silver plating.
L.E.D. rating:
Forward voltage- 2.1 V (3.0 V Max.). Cont. fwd. current 20mA max.@ 25°C.
GENERAL SPECIFICATIONS
ELECTRICALS
Contact rating:
50 mA @ 12 VDC
Insulation resistance:
100 megohms min. (100 VDC)
Dielectric withstanding voltage:
250 VAC for 1 minute
Contact resistance:
100 milliohms max. @ 5 VDC, 10 mA
Electrical life:
100,000 cycles min. (except models MJTP1243 & 1250- 50,000 cycles)
1,000,000 cycles available - consult factory
Contact bounce:
less than 10 msec.
MECHANICALS, THERMALS, ENVIRONMENTALS
Plunger travel:
.010"+ .008", - .004" (0,25 +0,2, -0,1 mm)
Actuation force:
160 grams ±30 grams
Operating temperature range:
-20°C to +70°C
Storage temperature range:
-30°C to +80°C for 96 hours
Shock resistance:
30G per method 213, MIL-STD-202
Vibration resistance:
passes method 201, MIL-STD-202
SOLDERING
(note - non-washable except for models indicated 'process compatible' below).
IR reflow soldering:
240°C max. for 20 seconds max.
Wave soldering:
255°C max. for 5 seconds max.
Hand soldering:
320°C max. for 3.5 seconds max. (40 watt iron max.)
MJTP1105T
Right angle,
grounding
US # MJTP1109
EU # PHAP3350
Process
compatible,
grounding
Caps available -
see end of section.
Bulk packaged.
Bulk packaged.
Gold plating avail-
able on contacts &
terminals
- consult factory.
M3
US Model
Dim.
EU Model
No.
L (In./mm) No.
MJTP1109
.197 (5.0)
PHAP3350
MJTP1109A .354 (9.0)
PHAP3350A
MJTP1109B .512 (13.0) PHAP3350B


Similar Part No. - MJTP_6MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MJTP1122A ETC1-MJTP1122A Datasheet
595Kb / 4P
MJTP SERIES ULTRA-MINIATURE TACT SWITCHES
MJTP1122B ETC1-MJTP1122B Datasheet
595Kb / 4P
MJTP SERIES ULTRA-MINIATURE TACT SWITCHES
MJTP1137 ETC1-MJTP1137 Datasheet
595Kb / 4P
MJTP SERIES ULTRA-MINIATURE TACT SWITCHES
MJTP1137A ETC1-MJTP1137A Datasheet
595Kb / 4P
MJTP SERIES ULTRA-MINIATURE TACT SWITCHES
MJTP1194 ETC1-MJTP1194 Datasheet
595Kb / 4P
MJTP SERIES ULTRA-MINIATURE TACT SWITCHES
More results

Similar Description - MJTP_6MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MJTP1230 ETC1-MJTP1230 Datasheet
595Kb / 4P
MJTP SERIES ULTRA-MINIATURE TACT SWITCHES
TL1105 ETC2-TL1105 Datasheet
239Kb / 3P
TACT SWITCHES - 6mm x 6mm
logo
E-SWITCH
TL1105 E-SWITCH-TL1105 Datasheet
240Kb / 3P
TACT SWITCHES - 6mm x 6mm
TL6100 E-SWITCH-TL6100 Datasheet
284Kb / 2P
TACT SWITCHES - SEALED THRU-HOLE
logo
Tyco Electronics
FSM4JH MACOM-FSM4JH Datasheet
239Kb / 1P
6MM TACT SWITCH, THRU-HOLE HIGH TEMP
logo
E-SWITCH
TL1105AF160Q E-SWITCH-TL1105AF160Q Datasheet
240Kb / 3P
SERIES TL1105 SWITCHES TACT SWITCHES - 6mm x 6mm
TL1105DF250Q E-SWITCH-TL1105DF250Q Datasheet
240Kb / 3P
TACT SWITCHES - 6mm x 6mm
TL1105WF250Q E-SWITCH-TL1105WF250Q Datasheet
240Kb / 3P
TACT SWITCHES - 6mm x 6mm
TL1105SF250Q E-SWITCH-TL1105SF250Q Datasheet
1Mb / 4P
TACT SWITCHES - 6mm x 6mm
logo
TE Connectivity Ltd
1825910 TEC-1825910_V01 Datasheet
326Kb / 2P
6MM TACT SWITCH, THRU-HOLE HIGH TEMP
Rev. D
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com