Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4341502E/ML Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP4341502E/ML
Description  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4341502E/ML Datasheet(HTML) 2 Page - Microchip Technology

  MCP4341502E/ML Datasheet HTML 1Page - Microchip Technology MCP4341502E/ML Datasheet HTML 2Page - Microchip Technology MCP4341502E/ML Datasheet HTML 3Page - Microchip Technology MCP4341502E/ML Datasheet HTML 4Page - Microchip Technology MCP4341502E/ML Datasheet HTML 5Page - Microchip Technology MCP4341502E/ML Datasheet HTML 6Page - Microchip Technology MCP4341502E/ML Datasheet HTML 7Page - Microchip Technology MCP4341502E/ML Datasheet HTML 8Page - Microchip Technology MCP4341502E/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
MCP434X/436X
DS22233A-page 2
© 2009 Microchip Technology Inc.
Device Block Diagram
Device Features
Device
Wiper
Configuration
Resistance (typical)
VDD
Operating
Range (2)
RAB Options (kΩ)
Wiper
- RW
(
Ω)
MCP4331 (3)
4
Potentiometer (1)
SPI
RAM
No
Mid-Scale 5.0, 10.0, 50.0, 100.0
75
129 1.8V to 5.5V
MCP4332 (3)
4
Rheostat
SPI
RAM
No
Mid-Scale 5.0, 10.0, 50.0, 100.0
75
129 1.8V to 5.5V
MCP4341
4
Potentiometer (1)
SPI
EE
Yes
NV Wiper 5.0, 10.0, 50.0, 100.0
75
129 2.7V to 5.5V
MCP4342
4
Rheostat
SPI
EE
Yes
NV Wiper 5.0, 10.0, 50.0, 100.0
75
129 2.7V to 5.5V
MCP4351 (3)
4
Potentiometer (1)
SPI
RAM
No
Mid-Scale 5.0, 10.0, 50.0, 100.0
75
257 1.8V to 5.5V
MCP4352 (3)
4
Rheostat
SPI
RAM
No
Mid-Scale 5.0, 10.0, 50.0, 100.0
75
257 1.8V to 5.5V
MCP4361
4
Potentiometer (1)
SPI
EE
Yes
NV Wiper 5.0, 10.0, 50.0, 100.0
75
257 2.7V to 5.5V
MCP4362
4
Rheostat
SPI
EE
Yes
NV Wiper 5.0, 10.0, 50.0, 100.0
75
257 2.7V to 5.5V
Note 1:
Floating either terminal (A or B) allows the device to be used as a Rheostat (variable resistor).
2:
Analog characteristics only tested from 2.7V to 5.5V unless otherwise noted.
3:
Please check Microchip web site for device release and availability.
Power-up/
Brown-out
Control
VDD
VSS
SPI Serial
Interface
Module &
Control
Logic
(WiperLock™
Technology)
Resistor
Network 0
(Pot 0)
Wiper 0
& TCON0
Register
Resistor
Network 1
(Pot 1)
Wiper 1
& TCON0
Register
CS
SCK
SDI
SDO
WP
RESET
Memory (16x9)
Wiper0 (V & NV)
Wiper1 (V & NV)
TCON0
STATUS
Data EEPROM
(5 x 9-bits)
P0A
P0W
P0B
P1A
P1W
P1B
Resistor
Network 2
(Pot 2)
Wiper 2
& TCON1
Register
P2A
P2W
P2B
Resistor
Network 3
(Pot 3)
Wiper 3
& TCON1
Register
P3A
P3W
P3B
Wiper2 (V & NV)
Wiper3 (V & NV)
TCON1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com