Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4341502E/ML Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP4341502E/ML
Description  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4341502E/ML Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP4341502E/ML Datasheet HTML 7Page - Microchip Technology MCP4341502E/ML Datasheet HTML 8Page - Microchip Technology MCP4341502E/ML Datasheet HTML 9Page - Microchip Technology MCP4341502E/ML Datasheet HTML 10Page - Microchip Technology MCP4341502E/ML Datasheet HTML 11Page - Microchip Technology MCP4341502E/ML Datasheet HTML 12Page - Microchip Technology MCP4341502E/ML Datasheet HTML 13Page - Microchip Technology MCP4341502E/ML Datasheet HTML 14Page - Microchip Technology MCP4341502E/ML Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
© 2009 Microchip Technology Inc.
DS22233A-page 11
MCP434X/436X
Weak Pull-up
Current
IPU
—
—
1.75
mA
Internal VDD pull-up, VIHH pull-down,
VDD = 5.5V, VCS = 12.5V
—170
—
µA
CS pin, VDD = 5.5V, VCS = 3V
CS Pull-up /
Pull-down
Resistance
RCS
—16
—
k
Ω
VDD = 5.5V, VCS = 3V
RESET Pull-up
Resistance
RRESET
—16
—
k
Ω
VDD = 5.5V, VRESET = 0V
Input Leakage
Current
IIL
-1
—
1
µA
VIN = VDD (all pins) and
VIN = VSS (all pins except RESET)
Pin Capacitance
CIN, COUT
—10
—
pF
fC = 20 MHz
RAM (Wiper, TCON) Value
Value Range
N
0h
—
1FFh
hex
8-bit device
0h
—
1FFh
hex
7-bit device
TCON POR/BOR
Setting
1FF
hex
All Terminals connected
EEPROM
Endurance
Endurance
—
1M
—
Cycles
EEPROM Range
N
0h
—
1FFh
hex
Initial NV Wiper
POR/BOR Setting
N
080h
hex
8-bit
WiperLock Technology = Off
040h
hex
7-bit
WiperLock Technology = Off
Initial EEPROM
POR/BOR Setting
N
000h
hex
EEPROM
Programming
Write Cycle Time
tWC
—3
10
ms
Power Requirements
Power Supply
Sensitivity
(MCP43X1)
PSS
—
0.0015
0.0035
%/%
8-bit
VDD = 2.7V to 5.5V,
VA = 2.7V, Code = 80h
—
0.0015
0.0035
%/%
7-bit
VDD = 2.7V to 5.5V,
VA = 2.7V, Code = 40h
AC/DC CHARACTERISTICS (CONTINUED)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
≤ T
A ≤ +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Resistance is defined as the resistance between terminal A to terminal B.
2:
INL and DNL are measured at VW with VA = VDD and VB = VSS.
3:
MCP43X1 only.
4:
MCP43X2 only, includes VWZSE and VWFSE.
5:
Resistor terminals A, W and B’s polarity with respect to each other is not restricted.
6:
This specification by design.
7:
Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and
temperature.
8:
The MCP43X1 is externally connected to match the configurations of the MCP43X2, and then tested.
9:
POR/BOR is not rate dependent.
10: Supply current is independent of current through the resistor network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com