Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4341502E/ML Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP4341502E/ML
Description  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4341502E/ML Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP4341502E/ML Datasheet HTML 10Page - Microchip Technology MCP4341502E/ML Datasheet HTML 11Page - Microchip Technology MCP4341502E/ML Datasheet HTML 12Page - Microchip Technology MCP4341502E/ML Datasheet HTML 13Page - Microchip Technology MCP4341502E/ML Datasheet HTML 14Page - Microchip Technology MCP4341502E/ML Datasheet HTML 15Page - Microchip Technology MCP4341502E/ML Datasheet HTML 16Page - Microchip Technology MCP4341502E/ML Datasheet HTML 17Page - Microchip Technology MCP4341502E/ML Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
MCP434X/436X
DS22233A-page 14
© 2009 Microchip Technology Inc.
FIGURE 1-3:
SPI Timing Waveform (Mode = 00).
TABLE 1-3:
SPI REQUIREMENTS (MODE = 00)
#
Characteristic
Symbol
Min
Max Units
Conditions
SCK Input Frequency
FSCK
—10
MHz
VDD = 2.7V to 5.5V
—1
MHz
VDD = 1.8V to 2.7V
70
CS Active (VIL or VIHH) to SCK↑ input
TcsA2scH
60
—
ns
71
SCK input high time
TscH
45
—
ns
VDD = 2.7V to 5.5V
500
—
ns
VDD = 1.8V to 2.7V
72
SCK input low time
TscL
45
—
ns
VDD = 2.7V to 5.5V
500
—
ns
VDD = 1.8V to 2.7V
73
Setup time of SDI input to SCK
↑ edge
TDIV2scH
10
—
ns
74
Hold time of SDI input from SCK
↑ edge
TscH2DIL20
—
ns
77
CS Inactive (VIH) to SDO output hi-impedance
TcsH2DOZ—
50
ns
Note 1
80
SDO data output valid after SCK
↓ edge
TscL2DOV—
70
ns
VDD = 2.7V to 5.5V
170
ns
VDD = 1.8V to 2.7V
82
SDO data output valid after
CS Active (VIL or VIHH)
TssL2doV
—
85
ns
83
CS Inactive (VIH) after SCK↓ edge
TscH2csI
100
—
ns
VDD = 2.7V to 5.5V
1ms
VDD = 1.8V to 2.7V
84
Hold time of CS Inactive (VIH) to
CS Active (VIL or VIHH)
TcsA2csI
50
—
ns
Note 1:
This specification by design.
CS
SCK
SDO
SDI
70
71
72
82
SDI
74
75, 76
MSb
BIT6 - - - - - -1
LSb
77
MSb IN
BIT6 - - - -1
LSb IN
80
83
84
73
VIH
VIL
VIHH
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com