Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4341502E/ML Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP4341502E/ML
Description  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4341502E/ML Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP4341502E/ML Datasheet HTML 13Page - Microchip Technology MCP4341502E/ML Datasheet HTML 14Page - Microchip Technology MCP4341502E/ML Datasheet HTML 15Page - Microchip Technology MCP4341502E/ML Datasheet HTML 16Page - Microchip Technology MCP4341502E/ML Datasheet HTML 17Page - Microchip Technology MCP4341502E/ML Datasheet HTML 18Page - Microchip Technology MCP4341502E/ML Datasheet HTML 19Page - Microchip Technology MCP4341502E/ML Datasheet HTML 20Page - Microchip Technology MCP4341502E/ML Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
© 2009 Microchip Technology Inc.
DS22233A-page 17
MCP434X/436X
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-1:
Device Current (IDD) vs. SPI
Frequency (fSCK) and Ambient Temperature
(VDD = 2.7V and 5.5V).
FIGURE 2-2:
Device Current (ISHDN) and
VDD. (CS = VDD) vs. Ambient Temperature.
FIGURE 2-3:
Write Current (IWRITE) vs.
Ambient Temperature and VDD.
FIGURE 2-4:
CS Pull-up/Pull-down
Resistance (RCS) and Current (ICS) vs. CS Input
Voltage (VCS) (VDD = 5.5V).
FIGURE 2-5:
CS High Input Entry/Exit
Threshold vs. Ambient Temperature and VDD.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
0.00
2.00
4.00
6.00
8.00
10.00
12.00
fSCK (MHz)
2.7V -40°C
2.7V 25°C
2.7V 85°C
2.7V 125°C
5.5V -40°C
5.5V 25°C
5.5V 85°C
5.5V 125°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
25
85
125
Ambient Temperature (°C)
5.5V
2.7V
100.0
200.0
300.0
400.0
500.0
600.0
700.0
-40
25
85
125
Ambient Temperature (°C)
5.5V
2.7V
0
50
100
150
200
250
234567
8
9
10
VCS (V)
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
ICS
RCS
0
2
4
6
8
10
12
-40
-20
0
2040
6080
100
120
Ambient Temperature (°C)
2.7V Exit
5.5V Exit
2.7V Entry
5.5V Entry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com