Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4341502E/ML Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP4341502E/ML
Description  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4341502E/ML Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP4341502E/ML Datasheet HTML 25Page - Microchip Technology MCP4341502E/ML Datasheet HTML 26Page - Microchip Technology MCP4341502E/ML Datasheet HTML 27Page - Microchip Technology MCP4341502E/ML Datasheet HTML 28Page - Microchip Technology MCP4341502E/ML Datasheet HTML 29Page - Microchip Technology MCP4341502E/ML Datasheet HTML 30Page - Microchip Technology MCP4341502E/ML Datasheet HTML 31Page - Microchip Technology MCP4341502E/ML Datasheet HTML 32Page - Microchip Technology MCP4341502E/ML Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
© 2009 Microchip Technology Inc.
DS22233A-page 29
MCP434X/436X
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
Additional descriptions of the device pins follows.
TABLE 3-1:
PINOUT DESCRIPTION FOR THE MCP434X/436X
Pin
Weak
Pull-up/
down
(Note 1)
Standard Function
TSSOP
QFN
Symbol
I/O
Buffer
Type
14L
20L
20L
—1
19
P3A
A
Analog
No
Potentiometer 3 Terminal A
12
20
P3W
A
Analog
No
Potentiometer 3 Wiper Terminal
23
1
P3B
A
Analog
No
Potentiometer 3 Terminal B
34
2
CS
I
HV w/ST
“smart”
SPI Chip Select Input
45
3
SCK
I
HV w/ST
“smart”
SPI Clock Input
56
4
SDI
I
HV w/ST
“smart”
SPI Serial Data Input
67
5
VSS
—P
—
Ground
78
6
P1B
A
Analog
No
Potentiometer 1 Terminal B
89
7
P1W
A
Analog
No
Potentiometer 1 Wiper Terminal
—10
8
P1A
A
Analog
No
Potentiometer 1 Terminal A
—11
9
P0A
A
Analog
No
Potentiometer 0 Terminal A
912
10
P0W
A
Analog
No
Potentiometer 0 Wiper Terminal
10
13
11
P0B
A
Analog
No
Potentiometer 0 Terminal B
—14
12
WP
I
I
“smart”
Hardware EEPROM Write Protect
—15
13
RESET
I
HV w/ST
Yes
Hardware Reset Pin
11
16
14
SDO
O
O
No
SPI Serial Data Output
12
17
15
VDD
—P
—
Positive Power Supply Input
13
18
16
P2B
A
Analog
No
Potentiometer 2 Terminal B
14
19
17
P2W
A
Analog
No
Potentiometer 2 Wiper Terminal
—20
18
P2A
A
Analog
No
Potentiometer 2 Terminal A
——
21
EP
—
—
—
Exposed Pad. (Note 2)
Legend:
HV w/ST = High Voltage tolerant input (with Schmidtt trigger input)
A = Analog pins (Potentiometer terminals)
I = digital input (high Z)
O = digital output
I/O = Input / Output
P = Power
Note 1:
The pin’s “smart” pull-up shuts off while the pin is forced low. This is done to reduce the standby and
shut-down current.
2:
The QFN package has a contact on the bottom of the package. This contact is conductively connected to
the die substrate, and therefore should be unconnected or connected to the same ground as the device’s
VSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com