Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25020I/P Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP25020I/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25020I/P Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP25020I/P Datasheet HTML 20Page - Microchip Technology MCP25020I/P Datasheet HTML 21Page - Microchip Technology MCP25020I/P Datasheet HTML 22Page - Microchip Technology MCP25020I/P Datasheet HTML 23Page - Microchip Technology MCP25020I/P Datasheet HTML 24Page - Microchip Technology MCP25020I/P Datasheet HTML 25Page - Microchip Technology MCP25020I/P Datasheet HTML 26Page - Microchip Technology MCP25020I/P Datasheet HTML 27Page - Microchip Technology MCP25020I/P Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
MCP2502X/5X
DS21664D-page 24
© 2007 Microchip Technology Inc.
4.4.3
TRANSMIT MESSAGE PRIORITY
There is a priority for all transmit messages, including
TXIDn and all “Output” messages.
The transmit message priority is as follows:
1.
Output messages have the highest priority.
Prioritization of the individual output message
types is determined by the three bits that
determine message type, with the lowest value
having the highest priority (e.g., Read A/D Regs
is a higher priority than Read Control Regs).
2.
TXID2 (Transmit auto-converted messages) has
the second-highest priority.
3.
TXID1 (Command acknowledge) has the third-
highest priority.
4.
TXID0 (On Bus message) has the lowest
priority.
In the event two or more messages are pending
transmission, transmit-message-prioritization will occur
and the highest message type will be sent first.
Messages that are currently transmitting will not be
prioritized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com