Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25020I/P Datasheet(PDF) 54 Page - Microchip Technology

Part # MCP25020I/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25020I/P Datasheet(HTML) 54 Page - Microchip Technology

Back Button MCP25020I/P Datasheet HTML 50Page - Microchip Technology MCP25020I/P Datasheet HTML 51Page - Microchip Technology MCP25020I/P Datasheet HTML 52Page - Microchip Technology MCP25020I/P Datasheet HTML 53Page - Microchip Technology MCP25020I/P Datasheet HTML 54Page - Microchip Technology MCP25020I/P Datasheet HTML 55Page - Microchip Technology MCP25020I/P Datasheet HTML 56Page - Microchip Technology MCP25020I/P Datasheet HTML 57Page - Microchip Technology MCP25020I/P Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
MCP2502X/5X
DS21664D-page 54
© 2007 Microchip Technology Inc.
FIGURE 9-2:
I/O TIMING
FIGURE 9-3:
RESET, OST AND POWER-UP-TIMER
OSC1
I/O Pin
(input)
I/O Pin
(output)
20, 21
Old Value
New Value
Note: All tests must be done with specified capacitive loads (see data sheet) 50 pF on I/O pins.
10
13
12
VDD
MCLR
Internal
POR
PWRT
Time-out
OSC
Time-out
Internal
RESET
33
32
30
34
I/O Pins
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com