Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25020I/P Datasheet(PDF) 50 Page - Microchip Technology

Part # MCP25020I/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25020I/P Datasheet(HTML) 50 Page - Microchip Technology

Back Button MCP25020I/P Datasheet HTML 46Page - Microchip Technology MCP25020I/P Datasheet HTML 47Page - Microchip Technology MCP25020I/P Datasheet HTML 48Page - Microchip Technology MCP25020I/P Datasheet HTML 49Page - Microchip Technology MCP25020I/P Datasheet HTML 50Page - Microchip Technology MCP25020I/P Datasheet HTML 51Page - Microchip Technology MCP25020I/P Datasheet HTML 52Page - Microchip Technology MCP25020I/P Datasheet HTML 53Page - Microchip Technology MCP25020I/P Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
MCP2502X/5X
DS21664D-page 50
© 2007 Microchip Technology Inc.
8.7
In-Circuit Serial Programming
The MCP2502X/5X can be serially programmed while
in the end application circuit. This is simply done with
two lines for clock and data, and three other lines for
power, ground and the programming voltage. This
allows
customers
to
manufacture
boards
with
unprogrammed devices and then program the device
just before shipping the product, also allowing the
most recent firmware (or a custom firmware) to be
programmed.
The device is placed into a program/verify mode by
holding the GP4 and GP5 pins low while raising GP7
(VPP) pin from VIL to VIH (see the MCP2502X/5X
programming
specification,
“MCP250XX
In-Circuit
Serial Programming™ (ICSP)”, DS20072, for more
information). GP4 becomes the programming data and
GP5 becomes the programming clock. Both GP4 and
GP5 are Schmitt Trigger inputs in this mode. The signal
definitions are summarized in Table 8-1
TABLE 8-1:
IN-CIRCUIT SERIAL
PROGRAMMING PIN
FUNCTIONS
Pin Name
Pin
Number
Programming Mode
Function
VSS
7
Ground
GP4
5
Data
GP5
6
Clock
GP7
11
VPP
VDD
14
Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com