Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25020I/P Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP25020I/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25020I/P Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP25020I/P Datasheet HTML 51Page - Microchip Technology MCP25020I/P Datasheet HTML 52Page - Microchip Technology MCP25020I/P Datasheet HTML 53Page - Microchip Technology MCP25020I/P Datasheet HTML 54Page - Microchip Technology MCP25020I/P Datasheet HTML 55Page - Microchip Technology MCP25020I/P Datasheet HTML 56Page - Microchip Technology MCP25020I/P Datasheet HTML 57Page - Microchip Technology MCP25020I/P Datasheet HTML 58Page - Microchip Technology MCP25020I/P Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
© 2007 Microchip Technology Inc.
DS21664D-page 55
MCP2502X/5X
9.4
A/D Converter Characteristics
AC Converter Characteristics
Industrial (I):
TAMB = -40°C to +85°C
VCC = 2.7V to 5.5V
Automotive (E): TAMB = -40°C to +125°C VCC = 4.5V to 5.5V
Param.
No.
Sym
Characteristics
Min
Max
Units
Test Conditions
NR
A/D resolution
—
10-bits
VREF = VDD = 5.12V, VSS
≤ in
≤VREF
NINT
A/D Integral error
—
less than
±1 LSb
VREF+ = VDD = 5.12V,
VSS- = VSS = 0 V (I TEMP)
NDIF
A/D Differential error
—
less than
±1 LSb
VREF+ = VDD = 5.12V,
VSS- = VSS = 0 V (I TEMP)
NG
A/D Gain error
—
less than
±1 LSb
VREF+ = VDD = 5.12V,
VSS- = VSS = 0 V
NOFF
A/D Offset error
—
less than
±2 LSb
VREF+ = VDD = 5.12V,
VSS- = VSS = 0 V
Monotonicity
—
—
VSS
≤ in ≤VREF
VREF
Reference Voltage
4.096
VDD+0.3
V
Absolute minimum to ensure
10-bit accuracy.
VREF+
Reference V high
VREF-
VDD+0.3
V
Minimum resolution for A/D is
1mV.
VREF-
Reference V low
VSS-0.3
VREF+
V
Minimum resolution for A/D is
1mV.
VAIN
Analog input V
VREF-VREF+V
ZAIN
Recommended impedance
of analog voltage source
—2.5
k
Ω
Note
IREF
VREF input current
—
10
µA
NHYS
Analog Transmit-on-change
Hysteresis
—
2 LSb
Specified by design (see
Section 4.5.2.1 “Hysteresis
Function”)
Note:
Design guidance only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com