Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25020I/P Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP25020I/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25020I/P Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP25020I/P Datasheet HTML 30Page - Microchip Technology MCP25020I/P Datasheet HTML 31Page - Microchip Technology MCP25020I/P Datasheet HTML 32Page - Microchip Technology MCP25020I/P Datasheet HTML 33Page - Microchip Technology MCP25020I/P Datasheet HTML 34Page - Microchip Technology MCP25020I/P Datasheet HTML 35Page - Microchip Technology MCP25020I/P Datasheet HTML 36Page - Microchip Technology MCP25020I/P Datasheet HTML 37Page - Microchip Technology MCP25020I/P Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
MCP2502X/5X
DS21664D-page 34
© 2007 Microchip Technology Inc.
REGISTER 5-6:
OPTREG1 REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
U-0
R/W-0
R/W-0
R/W-0
GPPU
CLKEN
CLKPS1
CLKPS0
—
CMREQ
AQT1
AQT0
bit 7
bit 0
bit 7
GPPU: Weak pull-up enabled
1
= Weak pull-ups disabled
0
= Weak pull-ups enabled (GP7:GP0)
bit 6
CLKEN:
1
= Clock Out Function disabled
0
= Clock Out Function enabled
bit 5-4
CLKPS1:CLKPS0: CLKOUT Prescaler bits
00
= FOSC/1
01
= FOSC/2
10
= FOSC/4
11
= FOSC/8
bit 3
Reserved:
bit 2
CMREQ: Requests mode of operation (allows mode changes via the CAN bus)
1
= Requests Listen-only mode
0
= Requests Normal mode *
* CMREQ must be cleared as default to avoid device entering Listen-only mode on first “Input”
message.
bit 1-0
AQT1:AQT0: Analog Acquisition Time bits
00
= 64TOSC
01
= 2
•(64TOSC)
10
= 4
•(64TOSC)
11
= 8
•(64TOSC)
(e.g., AQT1:AQT0 => 00 => 2.56 µs for a 25 MHz FOSC)
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com