Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP4CE115 Datasheet(PDF) 8 Page - Altera Corporation

Part # EP4CE115
Description  1. Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115 Datasheet(HTML) 8 Page - Altera Corporation

Back Button EP4CE115 Datasheet HTML 4Page - Altera Corporation EP4CE115 Datasheet HTML 5Page - Altera Corporation EP4CE115 Datasheet HTML 6Page - Altera Corporation EP4CE115 Datasheet HTML 7Page - Altera Corporation EP4CE115 Datasheet HTML 8Page - Altera Corporation EP4CE115 Datasheet HTML 9Page - Altera Corporation EP4CE115 Datasheet HTML 10Page - Altera Corporation EP4CE115 Datasheet HTML 11Page - Altera Corporation EP4CE115 Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
1–8
Chapter 1: Cyclone IV Device Datasheet
Operating Conditions
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 3
OCT Specifications
Table 1–8 lists the variation of OCT without calibration across process, temperature,
and voltage (PVT).
OCT calibration is automatically performed at device power-up for OCT-enabled
I/Os.
Table 1–9 lists the OCT calibration accuracy at device power-up.
Bus hold trip
point
—
0.3
0.9
0.375
1.125
0.68
1.07
0.7
1.7
0.8
2
0.8
2
V
Note to Table 1–7:
(1) Bus hold trip points are based on the calculated input voltages from the JEDEC standard.
Table 1–7. Bus Hold Parameter for Cyclone IV Devices (Part 2 of 2) (1)
Parameter
Condition
VCCIO (V)
Unit
1.2
1.5
1.8
2.5
3.0
3.3
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Table 1–8. Series OCT Without Calibration Specifications for Cyclone IV Devices
Description
VCCIO (V)
Resistance Tolerance
Unit
Commercial Maximum
Industrial, Extended
industrial, and
Automotive Maximum
Series OCT without
calibration
3.0
±30
±40
%
2.5
±30
±40
%
1.8
±40
±50
%
1.5
±50
±50
%
1.2
±50
±50
%
Table 1–9. Series OCT with Calibration at Device Power
-Up Specifications for Cyclone IV Devices
Description
VCCIO (V)
Calibration Accuracy
Unit
Commercial Maximum
Industrial, Extended
industrial, and
Automotive Maximum
Series OCT with
calibration at device
power
-up
3.0
±10
±10
%
2.5
±10
±10
%
1.8
±10
±10
%
1.5
±10
±10
%
1.2
±10
±10
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com