Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP4CE115 Datasheet(PDF) 27 Page - Altera Corporation

Part # EP4CE115
Description  1. Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115 Datasheet(HTML) 27 Page - Altera Corporation

Back Button EP4CE115 Datasheet HTML 23Page - Altera Corporation EP4CE115 Datasheet HTML 24Page - Altera Corporation EP4CE115 Datasheet HTML 25Page - Altera Corporation EP4CE115 Datasheet HTML 26Page - Altera Corporation EP4CE115 Datasheet HTML 27Page - Altera Corporation EP4CE115 Datasheet HTML 28Page - Altera Corporation EP4CE115 Datasheet HTML 29Page - Altera Corporation EP4CE115 Datasheet HTML 30Page - Altera Corporation EP4CE115 Datasheet HTML 31Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–27
Switching Characteristics
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
Table 1–29 lists the active configuration mode specifications for Cyclone IV devices.
Table 1–30 lists the JTAG timing parameters and values for Cyclone IV devices.
Periphery Performance
This section describes periphery performance, including high-speed I/O and external
memory interface.
I/O performance supports several system interfaces, such as the high-speed I/O
interface, external memory interface, and the PCI/PCI-X bus interface. I/Os using the
SSTL-18 Class I termination standard can achieve up to the stated DDR2 SDRAM
interfacing speeds. I/Os using general-purpose I/O standards such as 3.3-, 3.0-, 2.5-,
1.8-, or 1.5-LVTTL/LVCMOS are capable of a typical 200 MHz interfacing frequency
with a 10 pF load.
Table 1–29. Active Configuration Mode Specifications for Cyclone IV Devices
Programming Mode
DCLK Range
Typical DCLK
Unit
Active Parallel (AP) (1)
20 to 40
33
MHz
Active Serial (AS)
20 to 40
33
MHz
Note to Table 1–29:
(1) AP configuration mode is only supported for Cyclone IV E devices.
Table 1–30. JTAG Timing Parameters for Cyclone IV Devices (1)
Symbol
Parameter
Min
Max
Unit
tJCP
TCK clock period
40
—
ns
tJCH
TCK clock high time
19
—
ns
tJCL
TCK clock low time
19
—
ns
tJPSU_TDI
JTAG port setup time for TDI
1
—
ns
tJPSU_TMS JTAG port setup time for TMS
3
—
ns
tJPH
JTAG port hold time
10
—
ns
tJPCO
JTAG port clock to output (2), (3)
—15
ns
tJPZX
JTAG port high impedance to valid output (2), (3)
—15
ns
tJPXZ
JTAG port valid output to high impedance (2), (3)
—15
ns
tJSSU
Capture register setup time
5
—
ns
tJSH
Capture register hold time
10
—
ns
tJSCO
Update register clock to output
—
25
ns
tJSZX
Update register high impedance to valid output
—
25
ns
tJSXZ
Update register valid output to high impedance
—
25
ns
Notes to Table 1–30:
(1) For more information about JTAG waveforms, refer to “JTAG Waveform” in “Glossary” on page 1–37.
(2) The specification is shown for 3.3-, 3.0-, and 2.5-V LVTTL/LVCMOS operation of JTAG pins. For 1.8-V
LVTTL/LVCMOS and 1.5-V LVCMOS, the output time specification is 16 ns.
(3) For EP4CGX22, EP4CGX30 (F324 and smaller package), EP4CGX110, and EP4CGX150 devices, the output time
specification for 3.3-, 3.0-, and 2.5-V LVTTL/LVCMOS operation of JTAG pins is 16 ns. For 1.8-V LVTTL/LVCMOS
and 1.5-V LVCMOS, the output time specification is 18 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com