Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP4CE115 Datasheet(PDF) 4 Page - Altera Corporation

Part # EP4CE115
Description  1. Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115 Datasheet(HTML) 4 Page - Altera Corporation

  EP4CE115 Datasheet HTML 1Page - Altera Corporation EP4CE115 Datasheet HTML 2Page - Altera Corporation EP4CE115 Datasheet HTML 3Page - Altera Corporation EP4CE115 Datasheet HTML 4Page - Altera Corporation EP4CE115 Datasheet HTML 5Page - Altera Corporation EP4CE115 Datasheet HTML 6Page - Altera Corporation EP4CE115 Datasheet HTML 7Page - Altera Corporation EP4CE115 Datasheet HTML 8Page - Altera Corporation EP4CE115 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
1–4
Chapter 1: Cyclone IV Device Datasheet
Operating Conditions
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 3
Recommended Operating Conditions
This section lists the functional operation limits for AC and DC parameters for
Cyclone IV devices. Table 1–3 and Table 1–4 list the steady-state voltage and current
values expected from Cyclone IV E and Cyclone IV GX devices. All supplies must be
strictly monotonic without plateaus.
Table 1–3. Recommended Operating Conditions for Cyclone IV E Devices (1), (2) (Part 1 of 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCCINT (3)
Supply voltage for internal logic,
1.2-V operation
—
1.15
1.2
1.25
V
Supply voltage for internal logic,
1.0-V operation
—
0.97
1.0
1.03
V
VCCIO (3), (4)
Supply voltage for output buffers,
3.3-V operation
—
3.135
3.3
3.465
V
Supply voltage for output buffers,
3.0-V operation
—2.85
3
3.15
V
Supply voltage for output buffers,
2.5-V operation
—
2.375
2.5
2.625
V
Supply voltage for output buffers,
1.8-V operation
—
1.71
1.8
1.89
V
Supply voltage for output buffers,
1.5-V operation
—
1.425
1.5
1.575
V
Supply voltage for output buffers,
1.2-V operation
—
1.14
1.2
1.26
V
VCCA (3)
Supply (analog) voltage for PLL
regulator
—
2.375
2.5
2.625
V
VCCD_PLL (3)
Supply (digital) voltage for PLL,
1.2-V operation
—
1.15
1.2
1.25
V
Supply (digital) voltage for PLL,
1.0-V operation
—
0.97
1.0
1.03
V
VI
Input voltage
—
–0.5
—
3.6
V
VO
Output voltage
—
0
—
VCCIO
V
TJ
Operating junction temperature
For commercial use
0
—
85
°C
For industrial use
–40
—
100
°C
For extended temperature (5)
–40
—
125
°C
For automotive use
–40
—
125
°C
tRAMP
Power supply ramp time
Standard power-on reset
(POR) (6)
50 µs
—
50 ms
—
Fast POR (7)
50 µs
—
3 ms
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com