Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP4CE115 Datasheet(PDF) 31 Page - Altera Corporation

Part # EP4CE115
Description  1. Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115 Datasheet(HTML) 31 Page - Altera Corporation

Back Button EP4CE115 Datasheet HTML 27Page - Altera Corporation EP4CE115 Datasheet HTML 28Page - Altera Corporation EP4CE115 Datasheet HTML 29Page - Altera Corporation EP4CE115 Datasheet HTML 30Page - Altera Corporation EP4CE115 Datasheet HTML 31Page - Altera Corporation EP4CE115 Datasheet HTML 32Page - Altera Corporation EP4CE115 Datasheet HTML 33Page - Altera Corporation EP4CE115 Datasheet HTML 34Page - Altera Corporation EP4CE115 Datasheet HTML 35Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–31
Switching Characteristics
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
Table 1–34. True LVDS Transmitter Timing Specifications for Cyclone IV Devices (1), (3)
Symbol
Modes
C6
C7, I7
C8, A7
C8L, I8L
C9L
Unit
MinMax
MinMax
MinMax
MinMax
MinMax
fHSCLK (input
clock
frequency)
×10
5
42053705320
53205250
MHz
×8
5
42053705320
53205250
MHz
×7
5
42053705320
53205250
MHz
×4
5
42053705320
53205250
MHz
×2
5
42053705320
53205250
MHz
×1
5
420
5
402.5
5
402.5
5
362
5
265
MHz
HSIODR
×10
100
840
100
740
100
640
100
640
100
500
Mbps
×8
80
840
80
740
80
640
80
640
80
500
Mbps
×7
70
840
70
740
70
640
70
640
70
500
Mbps
×4
40
840
40
740
40
640
40
640
40
500
Mbps
×2
20
840
20
740
20
640
20
640
20
500
Mbps
×1
10
420
10
402.5
10
402.5
10
362
10
265
Mbps
tDUTY
—
45
55
4555
45
554555
4555
%
TCCS
—
—
200
—
200
—
200
—
200
—
200
ps
Output jitter
(peak to peak)
—
—
500—
500—
550
—
600—
700
ps
tLOCK (2)
—
—
1—
1—
1—
1—
1
ms
Notes to Table 1–34:
(1) Cyclone IV E—true LVDS transmitter is only supported at the output pin of Row I/O Banks 1, 2, 5, and 6.
Cyclone IV GX—true LVDS transmitter is only supported at the output pin of Row I/O Banks 5 and 6.
(2) tLOCK is the time required for the PLL to lock from the end-of-device configuration.
(3) Cyclone IV E 1.0 V core voltage devices only support C8L, C9L, and I8L speed grades. Cyclone IV E 1.2 V core voltage devices only support
C6, C7, C8, I7, and A7 speed grades. Cyclone IV GX devices only support C6, C7, C8, and I7 speed grades.
Table 1–35. Emulated LVDS Transmitter Timing Specifications for Cyclone IV Devices (1), (3) (Part 1 of 2)
Symbol
Modes
C6
C7, I7
C8, A7
C8L, I8L
C9L
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
fHSCLK (input
clock
frequency)
×10
5
320
5
320
5
275
5
275
5
250
MHz
×8
5
320
5
320
5
275
5
275
5
250
MHz
×7
5
320
5
320
5
275
5
275
5
250
MHz
×4
5
320
5
320
5
275
5
275
5
250
MHz
×2
5
320
5
320
5
275
5
275
5
250
MHz
×1
5
402.55402.55402.5
5
362
5
265
MHz
HSIODR
×10
100
640
100
640
100
550
100
550
100
500
Mbps
×8
80
640
80
640
80
550
80
550
80
500
Mbps
×7
70
640
70
640
70
550
70
550
70
500
Mbps
×4
40
640
40
640
40
550
40
550
40
500
Mbps
×2
20
640
20
640
20
550
20
550
20
500
Mbps
×1
10
402.5
10
402.5
10
402.5
10
362
10
265
Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com