Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP4CE115 Datasheet(PDF) 1 Page - Altera Corporation

Part # EP4CE115
Description  1. Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115 Datasheet(HTML) 1 Page - Altera Corporation

  EP4CE115 Datasheet HTML 1Page - Altera Corporation EP4CE115 Datasheet HTML 2Page - Altera Corporation EP4CE115 Datasheet HTML 3Page - Altera Corporation EP4CE115 Datasheet HTML 4Page - Altera Corporation EP4CE115 Datasheet HTML 5Page - Altera Corporation EP4CE115 Datasheet HTML 6Page - Altera Corporation EP4CE115 Datasheet HTML 7Page - Altera Corporation EP4CE115 Datasheet HTML 8Page - Altera Corporation EP4CE115 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
CYIV-53001-1.7
© 2013 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos
are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its
semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and
services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service
described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
Cyclone IV Device Handbook,
Volume 3
May 2013
Feedback Subscribe
ISO
9001:2008
Registered
1. Cyclone IV Device Datasheet
This chapter describes the electrical and switching characteristics for CycloneIV
devices. Electrical characteristics include operating conditions and power
consumption. Switching characteristics include transceiver specifications, core, and
periphery performance. This chapter also describes I/O timing, including
programmable I/O element (IOE) delay and programmable output buffer delay.
This chapter includes the following sections:
■
“Operating Conditions” on page 1–1
■
“Power Consumption” on page 1–16
■
“Switching Characteristics” on page 1–16
■
“I/O Timing” on page 1–37
■
“Glossary” on page 1–37
Operating Conditions
When Cyclone IV devices are implemented in a system, they are rated according to a
set of defined parameters. To maintain the highest possible performance and
reliability of Cyclone IV devices, you must consider the operating requirements
described in this chapter.
Cyclone IV devices are offered in commercial, industrial, extended industrial and,
automotive grades. Cyclone IV E devices offer –6 (fastest), –7, –8, –8L, and –9L speed
grades for commercial devices, –8L speed grades for industrial devices, and –7 speed
grade for extended industrial and automotive devices. Cyclone IV GX devices offer
–6 (fastest), –7, and –8 speed grades for commercial devices and –7 speed grade for
industrial devices.
f For more information about the supported speed grades for respective Cyclone IV
devices, refer to the Cyclone IV FPGA Device Family Overview chapter.
1 Cyclone IV E devices are offered in core voltages of 1.0 and 1.2 V. Cyclone IV E
devices with a core voltage of 1.0 V have an ‘L’ prefix attached to the speed grade.
In this chapter, a prefix associated with the operating temperature range is attached to
the speed grades; commercial with a “C” prefix, industrial with an “I” prefix, and
automotive with an “A” prefix. Therefore, commercial devices are indicated as C6, C7,
C8, C8L, or C9L per respective speed grade. Industrial devices are indicated as I7, I8,
or I8L. Automotive devices are indicated as A7.
May 2013
CYIV-53001-1.7


Similar Part No. - EP4CE115

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE115 ALTERA-EP4CE115 Datasheet
698Kb / 42P
Cyclone IV Device Datasheet
EP4CE115 ALTERA-EP4CE115 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE115 ALTERA-EP4CE115 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE115 ALTERA-EP4CE115 Datasheet
678Kb / 42P
Cyclone IV Device Datasheet
EP4CE115 ALTERA-EP4CE115 Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
More results

Similar Description - EP4CE115

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
Cyclone IV Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
Cyclone IV Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
Cyclone IV Device Datasheet
EP4CE6F17C6N ALTERA-EP4CE6F17C6N Datasheet
698Kb / 42P
1. Cyclone IV Device Datasheet
EP4CE15E22C8N ALTERA-EP4CE15E22C8N Datasheet
698Kb / 42P
1. Cyclone IV Device Datasheet
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
Cyclone IV Device Datasheet
EP4CE75F23I7N ALTERA-EP4CE75F23I7N Datasheet
685Kb / 42P
Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com