Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFUKG455KF4X-R0 Datasheet(PDF) 71 Page - Murata Manufacturing Co., Ltd.

Part # CFUKG455KF4X-R0
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CFUKG455KF4X-R0 Datasheet(HTML) 71 Page - Murata Manufacturing Co., Ltd.

Back Button CFUKG455KF4X-R0 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 78 page
background image
Continued from the preceding page.
Frequency (MHz)
100
10
1000
100
10
1
10.1
10.3
10.5
10.7
10.9
11.1
10.4
10.6
10.8
11.0
Input
fdev.
fmod.
Vcc
= 100dBμ
= ±80kHz
= 1kHz
= 3.0V
c Recovered Audio Curve
CDSCB10M7GF072-R0
Input
fdev.
fmod.
Vcc
= 100dBμ
= ±64kHz
= 1kHz
= 3.0V
Frequency (MHz)
1000
100
10
1
100
10
1
0.1
10.3
10.5
10.7
10.9
11.1
10.4
10.6
10.8
11.0
CDSCB10M7GF109-R0
Frequency (MHz)
0.5
0.0
1.0
1.5
2.0
2.5
10.3
10.4
10.5
10.6
10.7
10.8
10.9
11.0
11.1
c S Curve
CDSCB10M7GF123-R0
Frequency (MHz)
1.0
2.0
3.0
4.0
10.3
10.4
10.5
10.6
10.7
10.8
10.9
11.0
11.1
CDSCB10M7GF126-R0
P05E.pdf
Nov.24,2011
69
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com