Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFUKG455KF4X-R0 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # CFUKG455KF4X-R0
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CFUKG455KF4X-R0 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button CFUKG455KF4X-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
Frequency (kHz)
400
300
200
100
0
440.0
450.0
460.0
0
4
8
12
16
20
24
28
32
36
40
c Frequency Characteristics
CFWKA450KEFA001-R0
10
0
20
30
40
50
60
70
80
90
100
430
455
480
Frequency (kHz)
CFWKA450KEFA001-R0
Frequency (kHz)
200
300
400
500
600
700
800
900
1000
0
10
20
30
40
50
60
70
80
90
100
CFWKA450KEFA001-R0
P05E.pdf
Nov.24,2011
14
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com