Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFUKG455KF4X-R0 Datasheet(PDF) 25 Page - Murata Manufacturing Co., Ltd.

Part # CFUKG455KF4X-R0
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CFUKG455KF4X-R0 Datasheet(HTML) 25 Page - Murata Manufacturing Co., Ltd.

Back Button CFUKG455KF4X-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
Ceramic Filters (CERAFIL
r) for Communications Equipment
CERAFIL
r MHz SMD Type SFSCE10M7 Series
SFSCE series are chip surface mount filters available for
3dB bandwidth at 700kHz to 1.3MHz. (more than twice
width compared with current types)
They have 1.0mm max. thickness and small mounting area
(4.5x3.8mm).
c Features
1. The filters are mountable by automatic placers.
2. They are slim, at only 1.0mm max. thickness, and
have a small mounting area (4.5x3.8mm) enabling
flexible PCB design.
3. Available lead (Pb) free solder reflow.
4. Operating temperature range:
-20 to +80 (°C)
Storage temperature range:
-40 to +85 (°C)
c Applications
1. SS digital communication system
2. Digital wireless audio
3. PHS Evolution system
4. RFID Reader Writer
5. RKE
(in mm)
0.4
4.5
(1)
(2)
(4)
(3)
(4.0)
(1)
(2)
(3)
(4)
Tolerance unless
otherwise specified: ±0.1
( )
: Input
: Output
: No Connect
: Ground
: EIAJ Monthly Code
: Reference
*
(2.25)
1.1
0.6
0.15
(4-R0.3)
(0.3)
(1)
(4)
(2)
(3)
Part Number
Nominal Center
Frequency (fn)
(MHz)
3dB
Bandwidth
(kHz)
Stop
Bandwidth
(MHz)
Insertion Loss
(dB)
Ripple
(dB)
Spurious
Response
(dB)
GDT Deviation
(µs)
Input/Output
Impedance
(ohm)
SFSCE10M7WF03-R0
10.700
fn±500.0
min.
2.2 max. (Total)
[within 20dB]
6.0 max.
[at minimum loss point]
2.0 max.
[within 3dB Bandwidth]
30/25 min.
[within 5.7MHz to fn / fn to 15.7MHz]
0.6 max.
[within fn±400kHz]
470
SFSCE10M7WF04-R0
10.700
fn±400.0
min.
1.8 max. (Total)
[within 20dB]
6.0 max.
[at minimum loss point]
1.5 max.
[within 3dB Bandwidth]
35/25 min.
[within 5.7MHz to fn / fn to 15.7MHz]
0.6 max.
[within fn±325kHz]
470
SFSCE10M7WF05-R0
10.700
fn±325.0
min.
1.7 max. (Total)
[within 20dB]
6.0 max.
[at minimum loss point]
1.5 max.
[within 3dB Bandwidth]
40/30 min.
[within 5.7MHz to fn / fn to 15.7MHz]
0.6 max.
[within fn±250kHz]
470
For safety purposes, connect the output of filters to the IF amplifier through a DC blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in package page in this catalog.
R1+Rg=R2=Input/Output Impedance, Rg=50
Ω
C2=10pF (Including stray capacitance and Input capacitance of RF Voltmeter)
E1: S.S.G. Output Voltage
(1): Input
(2): Output
(3): No Connect
(4): Ground
RF
Voltmeter
C2
R2
R1
Rg
S.S.G.
(4)
(1)
(3)
(2)
c Test Circuit
P05E.pdf
Nov.24,2011
23
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com