Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFUKG455KF4X-R0 Datasheet(PDF) 36 Page - Murata Manufacturing Co., Ltd.

Part # CFUKG455KF4X-R0
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CFUKG455KF4X-R0 Datasheet(HTML) 36 Page - Murata Manufacturing Co., Ltd.

Back Button CFUKG455KF4X-R0 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
MHz SMD Type CERAFIL
r Packaging
Part Number
ø180mm
2,000
1,500
SFECF
SFSCE
c Minimum Quantity
( ): Reference
(in mm)
Dimensions of Carrier Tape
Dimensions of Reel
ø13.0±0.5
2.0±0.5
240 to 280
400 to 560
160 to 190
Empty
Components
Cover film
Empty
Trailer
Leader
17.0±1.0
+1.0
-0
13.0
Chip filter
ø1.55±0.05
User direction of feed
Cover film
Peeling strength
(0.1 to 0.7N)
(3°)
10° max.
4.0±0.1
2.0±0.05
4.0±0.1
3.35
+0.1
-0.05
c SFECF10M7 Series
(in mm)
Dimensions of Carrier Tape
Dimensions of Reel
±
±
±
(3°)
±
±
±
±
±
Cover film
±
±
Cover film
Trailer
±
c SFSCE10M7 Series
P05E.pdf
Nov.24,2011
34
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com