Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFUKG455KF4X-R0 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # CFUKG455KF4X-R0
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CFUKG455KF4X-R0 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  CFUKG455KF4X-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CFUKG455KF4X-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
!Note
P05E.pdf
Nov.24,2011
• Please read rating and
!CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
CERAFIL
r and "CERAFIL" in this catalog are
the trademarks of Murata Manufacturing Co., Ltd.
CONTENTS
Part Numbering
2
Products Guide
4
CERAFIL
r kHz SMD Type SFPKA Series
5
CERAFIL
r kHz SMD Type CFUKG Series
7
CERAFIL
r kHz SMD Type CFUKG_X Series
9
CERAFIL
r kHz SMD Type CFUKF Series
11
CERAFIL
r kHz SMD Type CFWKA Series
13
CERAFIL
r kHz SMD Type CFWKA_Y Series
15
kHz SMD Type CERAFIL
r Notice
17
CERAFIL
r MHz SMD Type SFECF10M7 Series
21
CERAFIL
r MHz SMD Type SFSCE10M7 Series
23
MHz SMD Type CERAFIL
r Notice
25
SMD Type CERAFIL
r Standard Land Pattern Dimensions
31
kHz SMD Type CERAFIL
r Packaging
32
MHz SMD Type CERAFIL
r Packaging
34
CERAFIL
r Plastic Case General Use CFULA Series
35
CERAFIL
r Plastic Case General Use CFWLA Series
37
CERAFIL
r Plastic Case Miniaturized Type CFULB Series
39
CERAFIL
r Plastic Case Miniaturized Type CFWLB Series
41
CERAFIL
r Plastic Case Group Delay Flat Type CFULA_Y Series
43
CERAFIL
r Plastic Case Group Delay Flat Type CFWLA_Y Series
45
CERAFIL
r Plastic Case Group Delay Flat Type Miniaturized Type CFULB_Y Series
47
CERAFIL
r Plastic Case Group Delay Flat Type CFWLB_Y Series
49
Plastic Case Type CERAFIL
r Minimum Quantity/Notice
51
kHz Type Ceramic Discriminators
52
MHz Type Ceramic Discriminators
65
Ceramic Discriminators Notice
70
Ceramic Discriminators Standard Land Pattern Dimensions/Packaging
74
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com