Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZRL Datasheet(PDF) 4 Page - Analog Devices

Part # AD9920ABBCZRL
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZRL Datasheet(HTML) 4 Page - Analog Devices

  AD9920ABBCZRL Datasheet HTML 1Page - Analog Devices AD9920ABBCZRL Datasheet HTML 2Page - Analog Devices AD9920ABBCZRL Datasheet HTML 3Page - Analog Devices AD9920ABBCZRL Datasheet HTML 4Page - Analog Devices AD9920ABBCZRL Datasheet HTML 5Page - Analog Devices AD9920ABBCZRL Datasheet HTML 6Page - Analog Devices AD9920ABBCZRL Datasheet HTML 7Page - Analog Devices AD9920ABBCZRL Datasheet HTML 8Page - Analog Devices AD9920ABBCZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
AD9920A
Rev. B | Page 4 of 112
SPECIFICATIONS
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
−25
+85
°C
Storage
−65
+150
°C
POWER SUPPLY VOLTAGE INPUTS
AVDD
AFE analog supply
1.6
1.8
2.0
V
TCVDD
Timing core supply
1.6
1.8
2.0
V
CLIVDD
CLI input supply
1.6
3.0
3.6
V
RGVDD
RG, HL driver supply
2.1
3.0
3.6
V
HVDD1 and HVDD2
H1 to H8 driver supplies
2.1
3.0
3.6
V
DVDD
Digital logic supply
1.6
1.8
2.0
V
DRVDD
Parallel data output driver supply
1.6
3.0
3.6
V
IOVDD
Digital I/O supply
1.6
3.0
3.6
V
V-DRIVER POWER SUPPLY VOLTAGES
VDVDD
V-driver/logic supply
1.6
3.0
3.6
V
VH1, VH2
V-driver high supply
11.0
15.0
16.5
V
VL1, VL2
V-driver low supply
−8.5
−7.5
−5.5
V
VM1, VM2
V-driver midsupply
−1.5
0.0
+1.5
V
VLL
SUBCK low supply
−11.0
−7.5
−5.5
V
VH1, VH2 to VL1, VL2, VLL
23.5
V
VMM1
SUBCK midsupply
VLL
0.0
VDVDD
V
LDO2
LDOIN
LDO supply input
2.5
3.0
3.6
V
Output Voltage
1.8
1.9
2.05
V
Output Current
60
100
mA
POWER SUPPLY CURRENTS—40.5 MHz
OPERATION
AVDD
1.8 V
27
mA
TCVDD
1.8 V
5
mA
CLIVDD
3 V
1.5
mA
RGVDD
3.3 V, 20 pF RG load, 20 pF HL load
10
mA
HVDD1 and HVDD23
3.3 V, 480 pF total load on H1 to H8
59
mA
DVDD
1.8 V
9.5
mA
DRVDD
3 V, 10 pF load on each data output pin
(D0 to D11)
6
mA
IOVDD
3 V, depends on load and output
frequency of digital I/O
2
mA
POWER SUPPLY CURRENTS—STANDBY
MODE OPERATION
Standby1 Mode
20
mA
Standby2 Mode
5
mA
Standby3 Mode
1.5
mA
MAXIMUM CLOCK RATE (CLI)
40.5
MHz
MINIMUM CLOCK RATE (CLI)
10
MHz
1 VMM must be greater than VLL and less than VDVDD.
2 LDO should be used only for the AD9920A 1.8 V supplies, not for external circuitry.
3 The total power dissipated by the HVDD (or RGVDD) can be approximated using the following equation:
Total HVDD Power = (CL × HVDD × Pixel Frequency) × HVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com